Electronic Components Datasheet Search
  English  ▼

X  

TLV365DBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV365DBVR
Description  TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV365DBVR Datasheet(HTML) 4 Page - Texas Instruments

  TLV365DBVR Datasheet HTML 1Page - Texas Instruments TLV365DBVR Datasheet HTML 2Page - Texas Instruments TLV365DBVR Datasheet HTML 3Page - Texas Instruments TLV365DBVR Datasheet HTML 4Page - Texas Instruments TLV365DBVR Datasheet HTML 5Page - Texas Instruments TLV365DBVR Datasheet HTML 6Page - Texas Instruments TLV365DBVR Datasheet HTML 7Page - Texas Instruments TLV365DBVR Datasheet HTML 8Page - Texas Instruments TLV365DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage, VS = (V+) – (V–)
6
V
VI
Input voltage
(V–) – 0.5
(V+) + 0.5
V
VID
Differential input voltage
±5
V
II
Continuous input current(2)
±10
mA
ISC
Output short-circuit(3)
Continuous
TA
Operating temperature
–40
125
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Input pins are diode-clamped to the power-supply rails. Limit the current of input signals that can swing more than 0.5 V beyond the
supply rails to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage, VS = (V+) – (V–)
2.2
5.5
V
TA
Specified temperature
–40
25
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
TLV365
TLV2365
UNIT
DBV (SOT-23)
D (SOIC)
5 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
179
140
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
78
89
°C/W
RθJB
Junction-to-board thermal resistance
46
80
°C/W
ψJT
Junction-to-top characterization parameter
19
28
°C/W
ψJB
Junction-to-board characterization parameter
46
80
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TLV365, TLV2365
SBOSAA8B – DECEMBER 2022 – REVISED SEPTEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV365 TLV2365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com