Electronic Components Datasheet Search
  English  ▼

X  

TLV365DBVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV365DBVR
Description  TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV365DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV365DBVR Datasheet HTML 3Page - Texas Instruments TLV365DBVR Datasheet HTML 4Page - Texas Instruments TLV365DBVR Datasheet HTML 5Page - Texas Instruments TLV365DBVR Datasheet HTML 6Page - Texas Instruments TLV365DBVR Datasheet HTML 7Page - Texas Instruments TLV365DBVR Datasheet HTML 8Page - Texas Instruments TLV365DBVR Datasheet HTML 9Page - Texas Instruments TLV365DBVR Datasheet HTML 10Page - Texas Instruments TLV365DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, RL = 10 kΩ, and gain = 1 V/V (unless otherwise noted)
VS = ±2.75 V
Figure 7-7. Output Voltage vs Output Current
Temperature (
C)
-50
-25
0
25
50
75
100
125
-120
-90
-60
-30
0
30
60
90
120
Source
Sink
20 units
Figure 7-8. Short-Circuit Current vs Temperature
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
100k
VOUT = 200 mVPP
VOUT = 1 VPP
VOUT = 2 VPP
VOUT = 4 VPP
Figure 7-9. Frequency Response vs Output Voltage
Frequency (Hz)
-12
-9
-6
-3
0
3
100k
1M
10M
100M
Gain = 1 V/V
Gain = −1 V/V
Gain = 10 V/V
Gain = 21 V/V
Figure 7-10. Small-Signal Frequency Response vs Gain
Frequency (Hz)
-9
-6
-3
0
3
6
1M
10M
100M
CL = 20 pF
CL = 10 pF
CL = 5 pF
Figure 7-11. Small-Signal Response vs Capacitive Load
Frequency (Hz)
0.0001
0.001
0.01
100
1k
10k
Gain = 1 V/V, VRMS = 1.448 V
Gain = 1 V/V, VRMS = 1 V
Gain = 10 V/V, VRMS = 1.448 V
Gain = 10 V/V, VRMS = 1 V
RL = 600 Ω
Figure 7-12. Total Harmonic Distortion + Noise vs Frequency
www.ti.com
TLV365, TLV2365
SBOSAA8B – DECEMBER 2022 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV365 TLV2365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com