Electronic Components Datasheet Search
  English  ▼

X  

TLV365DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV365DBVR
Description  TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV365DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV365DBVR Datasheet HTML 9Page - Texas Instruments TLV365DBVR Datasheet HTML 10Page - Texas Instruments TLV365DBVR Datasheet HTML 11Page - Texas Instruments TLV365DBVR Datasheet HTML 12Page - Texas Instruments TLV365DBVR Datasheet HTML 13Page - Texas Instruments TLV365DBVR Datasheet HTML 14Page - Texas Instruments TLV365DBVR Datasheet HTML 15Page - Texas Instruments TLV365DBVR Datasheet HTML 16Page - Texas Instruments TLV365DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
8.3.4 Active Filter
The TLVx365 is an excellent choice for active filter applications requiring a wide bandwidth, fast slew rate,
low-noise, single-supply operational amplifier. Figure 8-6 shows a 500-kHz, second-order, low-pass filter using a
multiple-feedback (MFB) topology. The components have been selected to provide a maximally-flat Butterworth
response. Beyond the cutoff frequency, rolloff is −40 dB/dec. The Butterworth response is designed for
applications requiring predictable gain characteristics, such as the antialiasing filter used ahead of an ADC.
C
1
1 nF
C
2
150 pF
R
3
549 Ω
R
1
549 Ω
R
2
1.24 kΩ
V+
V
OUT
V
IN
V−
TLV365
Figure 8-6. Second-Order Butterworth, 500-kHz Low-Pass Filter
When considering the MFB filter, the output is inverted, relative to the input. If this inversion is not desired, then a
noninverting output can be achieved through one of these options:
• add an inverting amplifier
• add an additional second-order MFB stage
• use a noninverting filter topology, such as the Sallen-Key
Figure 8-7 shows the Sallen-Key topology.
V
OUT
V
IN = 1 VRMS
TLV365
R
3
150 kΩ
R
2
19.5 kΩ
C
3
220 pF
R
1
1.8 kΩ
C
1
3.3 nF
C
2
47 pF
Figure 8-7. Configured as a Three-Pole, 20-kHz, Sallen-Key Filter
8.4 Device Functional Modes
The device has one mode of operation that applies when operated within the recommended operating
conditions.
www.ti.com
TLV365, TLV2365
SBOSAA8B – DECEMBER 2022 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV365 TLV2365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com