Electronic Components Datasheet Search
  English  ▼

X  

TCAL9538 Datasheet(PDF) 32 Page - Texas Instruments

Part # TCAL9538
Description  TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCAL9538 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TCAL9538 Datasheet HTML 28Page - Texas Instruments TCAL9538 Datasheet HTML 29Page - Texas Instruments TCAL9538 Datasheet HTML 30Page - Texas Instruments TCAL9538 Datasheet HTML 31Page - Texas Instruments TCAL9538 Datasheet HTML 32Page - Texas Instruments TCAL9538 Datasheet HTML 33Page - Texas Instruments TCAL9538 Datasheet HTML 34Page - Texas Instruments TCAL9538 Datasheet HTML 35Page - Texas Instruments TCAL9538 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
LED
1.8 V
3.3 V
LEDx
VCC
Figure 8-3. Device Supplied by a Lower Voltage
8.2.3 Application Curves
Standard-mode:
fSCL = 100 kHz
tr = 1 µs
Fast-mode:
fSCL = 400 kHz
tr = 300 ns
Fast-mode plus:
fSCL = 1 MHz
tr = 120 ns
Figure 8-4. Maximum Pullup Resistance (Rp(max)) vs Bus Capacitance (Cb)
TCAL9538
SCPS280A – NOVEMBER 2022 – REVISED NOVEMBER 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TCAL9538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com