Electronic Components Datasheet Search
  English  ▼

X  

TCAL9538 Datasheet(PDF) 3 Page - Texas Instruments

Part # TCAL9538
Description  TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCAL9538 Datasheet(HTML) 3 Page - Texas Instruments

  TCAL9538 Datasheet HTML 1Page - Texas Instruments TCAL9538 Datasheet HTML 2Page - Texas Instruments TCAL9538 Datasheet HTML 3Page - Texas Instruments TCAL9538 Datasheet HTML 4Page - Texas Instruments TCAL9538 Datasheet HTML 5Page - Texas Instruments TCAL9538 Datasheet HTML 6Page - Texas Instruments TCAL9538 Datasheet HTML 7Page - Texas Instruments TCAL9538 Datasheet HTML 8Page - Texas Instruments TCAL9538 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
4 Pin Configuration and Functions
RESET
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
P0
P1
P2
P3
GND
VCC
SDA
SCL
INT
P7
P6
P5
P4
Figure 4-1. PW (TSSOP) Package, 16-Pin
(Top View)
2
RESET
1
4
12
11
10
9
33
P0
P1
P2
SCL
INT
P7
P6
P3
GND
P4
P5
A1
A0
VCC
SDA
5
6
7
8
2
4
12
11
10
9
16
15
14
13
Figure 4-2. RSV (UQFN) Package, 16-Pin
(Top View)
Not to scale
1
2
3
4
A
B
C
D
P0
P2
P3
GND
P4
P5
P6
P7
P1
A1
SDA
INT
SCL
VCC
A0
RESET
Figure 4-3. DTU (X2QFN) Package, 16-Pin
(Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
TSSOP
(PW)
QFN
(RSV)
X2QFN
(DTU)
A0
1
15
A2
I
Address input. Connect directly to VCC or ground
A1
2
16
B2
I
Address input. Connect directly to VCC or ground
GND
8
6
D2
–
Ground
INT
13
11
B4
O
Interrupt output. Connect to VCC through a pull-up resistor
P0
4
2
B1
I/O
P-port input/output (push-pull design structure). At power on, P0 is configured as an input
P1
5
3
C2
I/O
P-port input/output (push-pull design structure). At power on, P1 is configured as an input
P2
6
4
C1
I/O
P-port input/output (push-pull design structure). At power on, P2 is configured as an input
P3
7
5
D1
I/O
P-port input/output (push-pull design structure). At power on, P3 is configured as an input
P4
9
7
D3
I/O
P-port input/output (push-pull design structure). At power on, P4 is configured as an input
P5
10
8
D4
I/O
P-port input/output (push-pull design structure). At power on, P5 is configured as an input
P6
11
9
C4
I/O
P-port input/output (push-pull design structure). At power on, P6 is configured as an input
P7
12
10
C3
I/O
P-port input/output (push-pull design structure). At power on, P7 is configured as an input
RESET
3
1
A1
I
Active-low reset input. Connect to VCC through a pull-up resistor, if no active connection is
used
SCL
14
12
A4
I
Serial clock bus. Connect to VCC through a pull-up resistor
SDA
15
13
B3
I/O
Serial data bus. Connect to VCC through a pull-up resistor
VCC
16
14
A3
–
Supply voltage
(1)
I = Input, O = Output, I/O = Input or Output.
www.ti.com
TCAL9538
SCPS280A – NOVEMBER 2022 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TCAL9538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com