Electronic Components Datasheet Search
  English  ▼

X  

TCAL9538 Datasheet(PDF) 12 Page - Texas Instruments

Part # TCAL9538
Description  TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCAL9538 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TCAL9538 Datasheet HTML 8Page - Texas Instruments TCAL9538 Datasheet HTML 9Page - Texas Instruments TCAL9538 Datasheet HTML 10Page - Texas Instruments TCAL9538 Datasheet HTML 11Page - Texas Instruments TCAL9538 Datasheet HTML 12Page - Texas Instruments TCAL9538 Datasheet HTML 13Page - Texas Instruments TCAL9538 Datasheet HTML 14Page - Texas Instruments TCAL9538 Datasheet HTML 15Page - Texas Instruments TCAL9538 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
5.9 Typical Characteristics (continued)
TA = 25°C (unless otherwise noted)
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
125 C
85 C
25 C
-40 C
Figure 5-7. I/O Sink Current vs Output Low Voltage, VCC = 1.2 V
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
20
40
60
80
100
120
140
160
180
200
125 C
85 C
25 C
-40 C
Figure 5-8. I/O Sink Current vs Output Low Voltage, VCC = 1.8 V
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
150
175
200
225
250
275
300
125 C
85 C
25 C
-40 C
Figure 5-9. I/O Sink Current vs Output Low Voltage, VCC = 2.5 V
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
150
175
200
225
250
275
300
325
125 C
85 C
25 C
-40 C
Figure 5-10. I/O Sink Current vs Output Low Voltage, VCC = 3.3 V
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
150
175
200
225
250
275
300
325
125 C
85 C
25 C
-40 C
Figure 5-11. I/O Sink Current vs Output Low Voltage, VCC = 3.6 V
Temperature ( C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
80
90
VCCP = 1.2V, IOL = 10 mA
VCCP = 3.3V, IOL = 10 mA
VCCP = 1.2V, IOL = 1 mA
VCCP = 3.3V, IOL = 1 mA
Figure 5-12. I/O Low Voltage vs Temperature
TCAL9538
SCPS280A – NOVEMBER 2022 – REVISED NOVEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TCAL9538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com