Electronic Components Datasheet Search
  English  ▼

X  

TCAL9538 Datasheet(PDF) 1 Page - Texas Instruments

Part # TCAL9538
Description  TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCAL9538 Datasheet(HTML) 1 Page - Texas Instruments

  TCAL9538 Datasheet HTML 1Page - Texas Instruments TCAL9538 Datasheet HTML 2Page - Texas Instruments TCAL9538 Datasheet HTML 3Page - Texas Instruments TCAL9538 Datasheet HTML 4Page - Texas Instruments TCAL9538 Datasheet HTML 5Page - Texas Instruments TCAL9538 Datasheet HTML 6Page - Texas Instruments TCAL9538 Datasheet HTML 7Page - Texas Instruments TCAL9538 Datasheet HTML 8Page - Texas Instruments TCAL9538 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile
I/O Configuration Registers
1 Features
• Operating power-supply voltage range of 1.08 V to
3.6 V
• Low standby current consumption of 1 µA typical
at 1.8 V
• 1-MHz fast mode plus I2C bus
• Hardware address pin allows two devices on the
same I2C, SMBus bus
• Active-low reset input (RESET )
• Open-drain active-low interrupt output (INT )
• Input or output configuration register
• Polarity inversion register
• Configurable I/O drive strength register
• Pull-up and pull-down resistor configuration
register
• Internal power-on reset
• Noise filter on SCL or SDA inputs
• Latched outputs with high-current drive maximum
capability for directly driving LEDs
• Latch-up performance exceeds 100 mA per JESD
78, class II
• ESD protection exceeds JESD 22
– 4000-V Human-body model (A114-A)
– 1000-V Charged-device model (C101)
2 Applications
• Servers
• Routers (telecom switching equipment)
• Personal computers
• Personal electronics
• Industrial automation
• Gaming consoles
• Products with GPIO-limited processors
3 Description
The TCAL9538 device provides general purpose
parallel input/output (I/O) expansion for the two-line
bidirectional I2C bus (or SMBus) protocol and is
designed for 1.08-V to 3.6-V VCC operation.
The device supports 100-kHz (Standard-mode), 400-
kHz (Fast-mode), and 1-MHz (fast-mode-plus) I2C
clock frequencies. I/O expanders such as the
TCAL9538 provide a simple solution when additional
I/Os are needed for switches, sensors, push-buttons,
LEDs, fans, and so on.
The TCAL9538 has Agile I/O ports which include
additional features designed to enhance the I/O
performance in terms of speed, power consumption
and EMI. The additional features are: programmable
output drive strength, programmable pull-up and pull-
down resistors, latchable inputs, maskable interrupt,
interrupt status register, and programmable open-
drain or push-pull outputs.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TCAL9538
TSSOP (16)
6.4 mm × 6.4 mm
UQFN (16)
2.6 mm × 1.8 mm
X2QFN (16)
1.6 mm x 1.6 mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TCAL9538
I
2C or SMBus
Controller
(processor)
SDA
SCL
INT
VCC
A0
GND
P0
P1
P2
P3
P4
P5
P6
P7
RESET
Peripheral
Devices
RESET,
ENABLE,
or control
inputs
INT or
status
outputs
LEDs
Keypad
A1
Simplified Schematic
TCAL9538
SCPS280A – NOVEMBER 2022 – REVISED NOVEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TCAL9538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAL9538 TI-TCAL9538 Datasheet
1Mb / 49P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
NOVEMBER 2022
TCAL9538 TI1-TCAL9538 Datasheet
1Mb / 43P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL9538 TI1-TCAL9538 Datasheet
1Mb / 43P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL9538DTUR TI1-TCAL9538DTUR Datasheet
1Mb / 43P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL9538PWR TI1-TCAL9538PWR Datasheet
1Mb / 43P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
More results

Similar Description - TCAL9538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAL6408 TI-TCAL6408 Datasheet
1Mb / 50P
TCAL6408 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
NOVEMBER 2022
TCAL9538 TI-TCAL9538 Datasheet
1Mb / 49P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
NOVEMBER 2022
TCAL6408 TI-TCAL6408_V01 Datasheet
1Mb / 39P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408_V02 Datasheet
1Mb / 42P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408_V03 Datasheet
1Mb / 45P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6416 TI-TCAL6416_V03 Datasheet
2Mb / 53P
TCAL6416 16-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED APRIL 2023
TCAL6408 TI-TCAL6408_V04 Datasheet
1Mb / 48P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL9538 TI1-TCAL9538_V02 Datasheet
1Mb / 43P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL9538 TI1-TCAL9538_V03 Datasheet
1Mb / 43P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL6408 TI1-TCAL6408_V05 Datasheet
1Mb / 51P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com