Electronic Components Datasheet Search
  English  ▼

X  

TCAL9538 Datasheet(PDF) 21 Page - Texas Instruments

Part # TCAL9538
Description  TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCAL9538 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TCAL9538 Datasheet HTML 17Page - Texas Instruments TCAL9538 Datasheet HTML 18Page - Texas Instruments TCAL9538 Datasheet HTML 19Page - Texas Instruments TCAL9538 Datasheet HTML 20Page - Texas Instruments TCAL9538 Datasheet HTML 21Page - Texas Instruments TCAL9538 Datasheet HTML 22Page - Texas Instruments TCAL9538 Datasheet HTML 23Page - Texas Instruments TCAL9538 Datasheet HTML 24Page - Texas Instruments TCAL9538 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
VCC
P0 to P7
Configuration
Register
Decoder
PMOS_EN0
PMOS_EN1
PMOS_EN2
PMOS_EN3
NMOS_EN3
NMOS_EN2
NMOS_EN1
NMOS_EN0
Output Port
Register
Current Control
Register
PMOS_EN[3:0]
NMOS_EN[3:0]
Figure 7-3. Simplified output stage
Reducing the current drive capability may be desirable to reduce system noise. When the output switches there
is a peak current that is a function of the output drive selection. This peak current runs through the supply
and GND package inductance’s and creates a noise (some radiated, but more critically Simultaneous Switching
Noise (SSN)). In other words, switching many outputs at the same time will create ground and supply noise. The
output drive strength control through the Output Drive Strength registers allows the user to mitigate SSN issues
without the need of additional external components.
7.3.3 Interrupt Output (INT)
An interrupt is generated by any rising or falling edge of the port inputs in the input mode provided the interrupt
feature is unmasked. After time tiv, the INT signal is valid. Resetting the interrupt circuit is achieved when
data on the port is changed back to the original setting or when data is read from the port that generated the
interrupt. Resetting occurs in the read mode at the acknowledge (ACK) bit after the rising edge of the SCL
signal. Interrupts that occur during the ACK clock pulse can be lost (or be very short) due to the resetting of the
interrupt during this pulse. Each change of the I/Os after resetting is detected and is transmitted as INT.
Reading from or writing to another device does not affect the interrupt circuit, and a pin configured as an output
cannot cause an interrupt. Changing an I/O from an output to an input may cause a false interrupt to occur if the
state of the pin does not match the contents of the input port register.
The INT output has an open-drain structure and requires an external pull-up resistor to VCC if the interrupt
feature is required; otherwise, it may be left floating.
7.3.4 Reset Input (RESET)
The RESET input can be asserted to initialize the system while keeping the VCC supply at its operating level.
A reset can be accomplished by holding the RESET pin low for a minimum of tW. The TCAL9538 registers and
I2C/SMBus state machine are changed to their default state once RESET is low (0). When RESET is high (1),
the I/O levels at the P port can be changed externally or through the controller. This input requires a pull-up
resistor to VCC, if no active connection is used. When RESET is toggled the input port register is updated to
reflect the state of the GPIO pins.
www.ti.com
TCAL9538
SCPS280A – NOVEMBER 2022 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TCAL9538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com