Electronic Components Datasheet Search
  English  ▼

X  

HC900 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HC900
Description  ControlEdge HC900 Controller Specifications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HC900 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HC900 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
ControlEdge HC900 Controller
Features Summary, continued ..
•
Advanced Floating Point Math Functions.
•
Extensive alarm and event monitoring
•
Up to 2304 galvanically Isolated, Analog Inputs
•
Up to 1008 redundant UIO points
•
New I/O voting and output validation function
blocks.
•
Remote I/O Racks with wire for extended
distance.
•
Star or Ring topology on IO network using
recommended switches
•
Scanner and I/O Insert/Remove under power
•
LED on/off indicators on digital I/O
•
Graphic Function Block Configuration
•
Open 10MB or 10/100MB Ethernet interface using
Modbus/TCP. Peer-to-peer communications via
Ethernet
•
E-mail alarm/event messaging on priority
•
Ramp/Soak Setpoint Programmers
•
Setpoint Schedulers with multiple outputs
•
Sequencers with 16 Outputs each
•
Modbus read/write parameters assignable to either
fixed or custom addresses for access by HMI or
supervisory software.
•
Modbus TCP Initiator
•
Gas flow function blocks per American Gas
Association specs. (non-Safety configurations
only).
•
Calendar block for triggering events
•
Non-interfering process/safety worksheets capable
of handling process and safety configurations.
•
Built in Version Control
•
Fast updates - 10 ms digital and UIO (900U02-
xxxx) 100ms analog capable
Note: Low Level AI updates @ 0.5 sec.
Non-redundant Architectures
Figure 1 - SINGLE PROCESS/SINGLE RACK- PROCESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com