Electronic Components Datasheet Search
  English  ▼

X  

HC900 Datasheet(PDF) 13 Page - Honeywell Solid State Electronics Center

Part # HC900
Description  ControlEdge HC900 Controller Specifications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HC900 Datasheet(HTML) 13 Page - Honeywell Solid State Electronics Center

Back Button HC900 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 11Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 12Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 13Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 14Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 15Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 16Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 17Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ControlEdge HC900 Controller
13
Modbus RTU Device - Isolated RS485 ports
may be configured for simultaneous operation as a
Modbus device port to allow each to communicate with
a single Modbus host.
The Modbus protocol supports read and write access
to a default address map of certain function blocks and
parameters.
In configurations 4.0 and later, a map of customized
addresses, blocks and parameters can be created
either by editing the default map or from scratch.
In the default map (fixed), a 4000 register array is
available to allow the user to specify the address
locations of specific controller data to optimize
controller communications.
The data in the array may also be accessed in user
specified formats (data types) such as analog data in
Float 32, unsigned 16, signed 16, unsigned 32, signed
32, and digital data in signed 16 or unsigned 16.
The data type selections in the 4000 register array
provide compatibility with devices such as 3rd party
touch panels. In the custom map, all data formats are
adjustable.
Modbus RTU Host - Either of the ports may be
configured as a Modbus RTU host, one per controller.
Up to 32 devices may be multi-dropped on the isolated
RS485 port. Function blocks are available in the
ControlEdge HC900 controller to allow the user to
specify read and write operations to up to 32 external
Modbus compatible modus device devices and up to
1024 data points.
Modbus TCP Initiator
– The Ethernet ports may be
configured as a Modbus TCP initiator. Function blocks
are available in the ControlEdge HC900 controller to
allow the user to specify read and write operations to
compatible modbus device devices for up to 1024 data
points.
Profibus
– The ControlEdge HC900 can access data from
Profibus modbus device devices using a Modbus-to-
Profibus gateway device attached to the serial port of the
controller. The gateway device is a Profibus Host on the
fieldbus network and a Modbus device to the ControlEdge
HC900. The Profibus data is connected into the control
strategy using Modbus function blocks. This application has
been validated with a ProLinx 5104-MCM-PDPM gateway
(from ProSoft® Technology).
E-mail Alarms/Events--ControlEdge HC900 alarms or
events can be individually configured to send an e-mail
alarm (or event) message to e-mail addresses with the
assigned alarm priority.
•
Number of e-mail addresses: 3 based on alarm
priority
•
From: Controller name (up to 16 characters)
•
Subject: text (up to 32 characters)
•
Content: date and time of alarm/event, alarm/event
tag name, alarm/event state
•
Message: 48 character text (for alarms only)
•
Priority Levels: 4 for alarms, 1 for events
Controller Configuration Access
–Designer software
supports communicating with ControlEdge HC900
controllers using an Ethernet or serial connection using ELN
protocol to support direct PC connection for configuration
upload, download, debug and maintenance. Modbus RTU
protocol is also supported through the serial port interface.
Once the ControlEdge HC900 controller has been
configured using Designer Software, on-line configuration
changes
may be made while maintaining process control.
Configurations may also be loaded into the controller via the
Ethernet TCP/IP network from a host PC. On-line monitoring
for program debug and on-line program edit functions are
also supported via the Ethernet port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com