Electronic Components Datasheet Search
  English  ▼

X  

HC900 Datasheet(PDF) 21 Page - Honeywell Solid State Electronics Center

Part # HC900
Description  ControlEdge HC900 Controller Specifications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HC900 Datasheet(HTML) 21 Page - Honeywell Solid State Electronics Center

Back Button HC900 Datasheet HTML 17Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 18Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 19Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 20Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 21Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 22Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 23Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 24Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 25Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ControlEdge HC900 Controller
21
Specifications
Communications
C30
C50
C70
C75
Network Communications
Ports
Number of Ethernet
10/100Base-T connections
1
1
2
2
Ethernet 10/100Base-T,
RJ-45 connection
Supports Modbus/TCP Protocol to PC
supervisory and data acquisition
software packages, OPC server,
Modbus/TCP Initiator, Peer to Peer, and
Designer configuration software
Supports dual Modbus/TCP ports to PC
supervisory and data acquisition software
packages, OPC server, Modbus/TCP
Initiator (non-redundant), Peer to Peer,
and Designer configuration software
Max. number of concurrent
Ethernet host connections
Up to 5 (peer data
exchange does
not consume a
host connection)
Up to 10 shared between two ports (peer data exchange does
not consume a host connection).
Note: Subnet must be: 255.255.255.0
Note: C70/ C75 IP Addresses must be on different Subnet.
USB-RS485 Converter
50089787 -501
RS-485 Ports
Ports per controller
Two, isolated RS-485 (connector supplied), Honeywell or Modbus RTU protocol.
Cable type
2-wire plus shield, Belden 9271 or equivalent
Distance from controller
2000 ft. (600 m.)
Modbus Device addresses
1 to 247
Parity (user selectable)
Odd, even, none
Stop bits (user selectable)
1 or 2
Speed (user selectable)
1200, 2400, 4800, 9600, 19200, 38400, 57600, 115200
Double Register Format for
Modbus RTU Device and
Host data (User selectable)
Selectable byte order
RS-485 Modbus, Device
Operation
Number of ports per controller
Up to two
Modbus Hosts per port
One
Principal Function Block
Address Range
User selectable starting address range for registers assigned to each principal block
type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com