Electronic Components Datasheet Search
  English  ▼

X  

HC900 Datasheet(PDF) 17 Page - Honeywell Solid State Electronics Center

Part # HC900
Description  ControlEdge HC900 Controller Specifications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HC900 Datasheet(HTML) 17 Page - Honeywell Solid State Electronics Center

Back Button HC900 Datasheet HTML 13Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 14Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 15Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 16Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 17Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 18Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 19Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 20Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 21Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
ControlEdge HC900 Controller
17
Specifications
Features
C30/C30S
C50/C50S
C70/C70S
C75/C75S
Controller Design
Modular design with metal rack enclosure, power supply, controller CPU and user selectable
I/O module types.
Rack Mounting and
Installation
Surface mounting with 4 screws in the back of the rack.
Installation Category II, Pollution Degree 2, IEC 664, UL840 Installation coordination
Controller I/O
support
4, 8, or 12 I/O slots per Rack
None (requires
remote I/O racks)
Remote I/O racks
None
1 w/o switch, using Ethernet direct cable. Up to 11 (12 for Redundant)
with recommended Honeywell switches (part no. 50008930-001,
copper to copper)
1 w/o switch, using Ethernet direct cable. Up to 11 (12 for Redundant)
with recommended Honeywell switches (EDS-308 series/EDS-316)
for Star topology.
1 w/o switch, using Ethernet direct cable. Up to 11 (12 for Redundant)
with recommended Honeywell switches (EDS-505A/EDS-508A
/RSB20-XX or equivalent, copper to fiber) in Remote IO for Ring
topology.
Remote I/O interface
type
None
Separate Ethernet 100Base-T port on CPU, RJ-45 connection,
dedicated communications link
Remote I/O Distance
None
100 m (328 ft.)
– Ethernet cable, controller to remote rack or
controller to switch. Up to two switches per connection, 300m (984
ft.), maximum distance.
40km
– Single mode fiber optic cable
5km
– Multi mode fiber optic cable.
Fiber Optics Equipment Recommendations
Ethernet Switch
Choose a model which has fiber optic port (single/multi-mode) from
the above switch series.
Converter
Moxa Media Converter model IMC-101-M-SC/ IMC-101-S-SC with
(1) 10/100BaseT(X) to 100BaseFX single/multi-mode fiber port with
SC connectors (require 24VDC power)
Fiber Cable
Multi-mode, Duplex, 50/125 with SC connectors on both ends
Single mode, duplex, 9/125 with SC connector on both ends
Copper Ethernet
Cable
Shielded Cat5 Ethernet
I/O Capacity
Combined Analog and
Digital
384
4608
Analog Inputs
192
2304
Analog Outputs
40
48 with heat de-
rating
192 with external
power source
480
576 with heat de-rating
2304 with external power source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com