Electronic Components Datasheet Search
  English  ▼

X  

HC900 Datasheet(PDF) 20 Page - Honeywell Solid State Electronics Center

Part # HC900
Description  ControlEdge HC900 Controller Specifications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HC900 Datasheet(HTML) 20 Page - Honeywell Solid State Electronics Center

Back Button HC900 Datasheet HTML 16Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 17Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 18Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 19Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 20Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 21Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 22Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 23Page - Honeywell Solid State Electronics Center HC900 Datasheet HTML 24Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20
ControlEdge HC900 Controller
C30
C50
C70
C75
Control Loop Types
PID A, PID B, Duplex A, Duplex B, Ratio, Cascade, % Carbon, Dewpoint, Relative Humidity,
On-Off, Auto/Manual-Bias
Auto-tuning
Accutune III, fuzzy logic overshoot suppression, applicable to all control loops
Setpoint
Programmers
Ramp Types:
Ramp Rate or Ramp Time
Time Units:
Hours or Minutes
Segment Time:
0-99,999.999 hours or minutes
Program Cycles: Up to 100 or infinite, configurable segment range
Programmer Events
Assignable to DO or internal status
Setpoint Profiles
50 segments per profile. Number of stored profiles is user-configurable.
Setpoint Scheduler
Ramp type:
Ramp time
Time units:
Hours or minutes
Segment time:
0.001 to 9999.999 hours or minutes
Cycles:
Per segment to 999 or infinite
Auxiliary Scheduler
Setpoints
Up to 8 setpoints, soak only
Schedule events
Up to 16, assignable to DO or internal status
Setpoint Scheduler
Schedules
50 segments per schedule. Number of stored schedules is configurable.
Sequencers
States: 50
State text: 12 characters
Steps: 64
Time Units: Minutes or Seconds
Digital Outputs: 16
Analog Output: 1, configurable value/step
Step Execution: On Time, Event 1, Event2, or via Advance
Next Step: Any step
Sequences
Number of stored Sequences is user-configurable
Recipes (Variables)
Number of stored Recipes (Variables) is user-configurable
Recipe Parameters
Up to 50 analog or digital Variables
— (may include profile numbers)
Signal Tags (Read
only)
Up to 65,535
Tag Identification
16-character tagname, 16-character descriptor, 6-character units of measure (analog only),
6 character on/off state (digital only). Non-Safety Critical enable.
Variables
(Read/Write)
Up to 6144
Variable
Identification
16-character tagname, 16-character descriptor,6-character units of measure (analog only), 6
character on/off state (digital only)
Controller Data
Storage
•
Data types: Signals, Alarms, Events
•
Storage size: 1.5MB for C30/C50
3MB for C70/C75
•
Maximum signals tags: 250
•
Maximum points per group: 50
•
Selectable storage rates: 3
•
Storage rate resolution, 10 sec. to 24hr
•
Data Access - via HC Historian PC software, manual upload using Ethernet or
Serial communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com