Electronic Components Datasheet Search
  English  ▼

X  

TOP245P Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # TOP245P
Description  Title 32W (47W peak) Multiple Output supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 4 Page - Power Integrations, Inc.

  TOP245P Datasheet HTML 1Page - Power Integrations, Inc. TOP245P Datasheet HTML 2Page - Power Integrations, Inc. TOP245P Datasheet HTML 3Page - Power Integrations, Inc. TOP245P Datasheet HTML 4Page - Power Integrations, Inc. TOP245P Datasheet HTML 5Page - Power Integrations, Inc. TOP245P Datasheet HTML 6Page - Power Integrations, Inc. TOP245P Datasheet HTML 7Page - Power Integrations, Inc. TOP245P Datasheet HTML 8Page - Power Integrations, Inc. TOP245P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DER-19
TOP245P Multiple Output Set Top Box
March 30, 2004
Page 4 of 25
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
1
Introduction
This engineering report describes a multiple output evaluation board designed using
TOP245P. The specification chosen is targeted towards new Set Top Box systems that
incorporate a hard disk. These systems require a peak power capability when the hard
disk is first spun-up.
Peak power operation requires magnetics and diodes specified to handle the currents at
the specified peak power point. If peak power operation is not required, designing the
supply for maximum continuous power will save additional cost.
The document contains the power supply specification, schematic, bill of materials,
transformer documentation, printed circuit layout, and measured performance data from
the prototype unit shown in Figure 1.
Figure 1 – Populated Circuit Board (Scale in cm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com