Electronic Components Datasheet Search
  English  ▼

X  

TOP245P Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # TOP245P
Description  Title 32W (47W peak) Multiple Output supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 5Page - Power Integrations, Inc. TOP245P Datasheet HTML 6Page - Power Integrations, Inc. TOP245P Datasheet HTML 7Page - Power Integrations, Inc. TOP245P Datasheet HTML 8Page - Power Integrations, Inc. TOP245P Datasheet HTML 9Page - Power Integrations, Inc. TOP245P Datasheet HTML 10Page - Power Integrations, Inc. TOP245P Datasheet HTML 11Page - Power Integrations, Inc. TOP245P Datasheet HTML 12Page - Power Integrations, Inc. TOP245P Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DER-19
TOP245P Multiple Output Set Top Box
March 30, 2004
Page 9 of 25
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
6
Bill Of Materials
Reference
Quantity
Value
R1,R2
2
1M
R3
1
6R8
R4
1
3k3
R5
1
10k, 1%
R6
1
22k, 1%
R7
1
6k8, 1%
R8
1
150R
R9
1
1k
R10
1
10k
R11
1
20R, 2W NTC
R12
1
3R3
C1
1
220nF, X2 CAP
C2
1
47uF, 400V
C3,C12
2
100nF
C4
1
47uF, 10V
C5
1
1000uF, 35V
C6
1
470uF, 35V
C7
1
100uF, 35V
C8,C9
2
100uF, 10V
C10
1
47uF, 16V
C11
1
22uF, 10V
C13
1
2.2nF, Y1_CLASS
C14
1
1uF, 50V
C15
1
39uF, 35V
C16
1
47uF, 35V
C17
1
1nF, 1kV
C18
1
4.7nF
U1
1
TL431
U2
1
PC817
U3
1
TOP245P
D1,D2,D3,D4
4
1N4007
D5
1
1N4937
D6
1
P4KE200
D7,D8
2
MBR1035
D9
1
SR506
D10
1
BAS19
D11
1
IN4148
D12
1
UF4002
FU1
1
1A, 250V
T1
1
EF30 Custom Transformer
L2
1
4.7uH, 1A
L7,L8,L9
3
4.7uH, 3.2A
VDR1
1
300V
Total of 52 components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com