Electronic Components Datasheet Search
  English  ▼

X  

TOP245P Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # TOP245P
Description  Title 32W (47W peak) Multiple Output supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 5 Page - Power Integrations, Inc.

  TOP245P Datasheet HTML 1Page - Power Integrations, Inc. TOP245P Datasheet HTML 2Page - Power Integrations, Inc. TOP245P Datasheet HTML 3Page - Power Integrations, Inc. TOP245P Datasheet HTML 4Page - Power Integrations, Inc. TOP245P Datasheet HTML 5Page - Power Integrations, Inc. TOP245P Datasheet HTML 6Page - Power Integrations, Inc. TOP245P Datasheet HTML 7Page - Power Integrations, Inc. TOP245P Datasheet HTML 8Page - Power Integrations, Inc. TOP245P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DER-19
TOP245P Multiple Output Set Top Box
March 30, 2004
Page 5 of 25
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
2
Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
195
265
VAC
2 Wire – no P.E.
Frequency
fLINE
47
50/60
64
Hz
Output
Output Voltage 1
VOUT1
3.3
V
± 5%
Output Ripple Voltage 1
VRIPPLE1
mV
20 MHz Bandwidth
Output Current 1
IOUT1
1
3
A
Output Voltage 2
VOUT2
5
V
± 5%
Output Ripple Voltage 2
VRIPPLE2
mV
20 MHz Bandwidth
Output Current 2
IOUT2
1
2
A
2.5A Peak for 10s
Output Voltage 3
VOUT3
12
V
± 7%
Output Ripple Voltage 3
VRIPPLE3
mV
20 MHz Bandwidth
Output Current 3
IOUT3
0.35
0.5
A
1.5A Peak for 10s
Output Voltage 4
VOUT4
20
V
± 7%
Output Ripple Voltage 4
VRIPPLE4
mV
20 MHz Bandwidth
Output Current 4
IOUT4
0.1
0.3
0.3
A
Total Output Power
Continuous Output Power
POUT
31.9
W
Peak Output Power
POUT_PEAK
46.4
W
Efficiency
η
75
%
Measured at POUT (32 W), 25
oC
Environmental
Conducted EMI
Meets CISPR22B / EN55022B
Safety
Designed to meet IEC950, UL1950
Class II
Surge
4
kV
1.2/50
µs surge, IEC 1000-4-5,
12
Ω series impedance,
differential and common mode
Surge
3
kV
100 kHz ring wave, 500 A short
circuit current, differential and
common mode
Ambient Temperature
TAMB
0
50
oC
Free convection, sea level
Table 1 - Power Supply Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com