Electronic Components Datasheet Search
  English  ▼

X  

TOP245P Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TOP245P
Description  Title 32W (47W peak) Multiple Output supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 3Page - Power Integrations, Inc. TOP245P Datasheet HTML 4Page - Power Integrations, Inc. TOP245P Datasheet HTML 5Page - Power Integrations, Inc. TOP245P Datasheet HTML 6Page - Power Integrations, Inc. TOP245P Datasheet HTML 7Page - Power Integrations, Inc. TOP245P Datasheet HTML 8Page - Power Integrations, Inc. TOP245P Datasheet HTML 9Page - Power Integrations, Inc. TOP245P Datasheet HTML 10Page - Power Integrations, Inc. TOP245P Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DER-19
TOP245P Multiple Output Set Top Box
March 30, 2004
Page 7 of 25
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
4
Circuit Description
This power supply uses the latest generation TOPSwitch in a DIL08 package to minimize
heatsink requirements. It is designed for 32W continuous operation in a 50°C ambient
with magnetics designed to allow short peak power levels of up to 50W.
4.1
Input EMI Filtering
Due to the frequency jittering function of TOPSwitch, the input EMI filtering is minimal,
consisting of a 15mH common-mode choke and 220nF x-capacitor. Protection is
provided by a 1A, 250V antisurge fuse. Inrush limiting is provided by a thermistor. Surge
protection is provided by a VDR on the input. If only 4kV surge is required, this part can
be removed since the TOP245P incorporates over-voltage shutdown giving additional
protection.
4.2
TOPSwitch Primary
On the primary side of the supply, the TOPSwitch integrates a number of functions:-
Frequency jitter which reduces the QP and AV EMI levels by up to 10dB
Soft-Start which prevents transformer saturation during start-up. This increases
long term reliability
Line UV and OV detection to give additional differential surge withstand capability
Regulation to zero load without pre-load due to very low minimum duty cycle
capability
Line feed forward which improves 100Hz ripple rejection
Hysteretic thermal and short circuit protection to increase long term reliability
A 47uF input capacitor has been used to provide the high peak power capability. If peak
power operation is not required, this can be reduced to 33uF, 400V which will save
further cost.
4.3
Output Rectification
A fully AC stacked design has been used to give good cross-regulation. A snubber is
placed across D7 to reduce high frequency common-mode EMI emissions. Post filters
are used on all outputs to meet noise and ripple requirements.
4.4
Output Feedback
Full PWM feedback has been implemented using a TL431 reference and opto-coupler.
Feedback is split over the 3V3 and 5V rails, each giving equal influence to the feedback
network. D10, R10 and C11 provide a soft-finish function, ensuring a monotonic rise in
the output voltages with zero overshoot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com