Electronic Components Datasheet Search
  English  ▼

X  

TOP245P Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TOP245P
Description  Title 32W (47W peak) Multiple Output supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 6Page - Power Integrations, Inc. TOP245P Datasheet HTML 7Page - Power Integrations, Inc. TOP245P Datasheet HTML 8Page - Power Integrations, Inc. TOP245P Datasheet HTML 9Page - Power Integrations, Inc. TOP245P Datasheet HTML 10Page - Power Integrations, Inc. TOP245P Datasheet HTML 11Page - Power Integrations, Inc. TOP245P Datasheet HTML 12Page - Power Integrations, Inc. TOP245P Datasheet HTML 13Page - Power Integrations, Inc. TOP245P Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
DER-19
TOP245P Multiple Output Set Top Box
March 30, 2004
Page 10 of 25
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
7
Transformer Specification
7.1
Electrical Diagram
Figure 4 –Transformer Electrical Diagram
7.2
Electrical Specifications
Electrical Strength
1 second, 60 Hz, from Pins 1-4 to Pins 7-12
3000 VAC
Primary Inductance
Pins 1-4, all other windings open, measured at
100 kHz, 0.4 VRMS
1180
µH, -
0/+20%
Resonant Frequency
Pins 1-4, all other windings open
600 kHz (Min.)
Primary Leakage Inductance
Pins 1-4, with Pins 7-8 shorted, measured at
100 kHz, 0.4 VRMS
50
µH (Max.)
7.3
Materials
Item
Description
[1]
Core: EF30 CORE, 3C85, Gapped for 234nH/T
2 (Approximately 0.28mm)
[2]
Bobbin: EF30, 10 pin
[3]
Magnet Wire: 0.24mm Diameter Heavy Nyleze
[4]
Copper Foil: See section below
[5]
Tape: 16mm wide insulation tape
[6]
Tape: 3mm margin tape
[7]
Magnet Wire: 0.45mm Diameter Heavy Nyleze
[8]
Varnish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com