Electronic Components Datasheet Search
  English  ▼

X  

REF3233 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF3233
Description  4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF3233 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  REF3233 Datasheet HTML 1Page - Burr-Brown (TI) REF3233 Datasheet HTML 2Page - Burr-Brown (TI) REF3233 Datasheet HTML 3Page - Burr-Brown (TI) REF3233 Datasheet HTML 4Page - Burr-Brown (TI) REF3233 Datasheet HTML 5Page - Burr-Brown (TI) REF3233 Datasheet HTML 6Page - Burr-Brown (TI) REF3233 Datasheet HTML 7Page - Burr-Brown (TI) REF3233 Datasheet HTML 8Page - Burr-Brown (TI) REF3233 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
REF3212,REF3220
REF3225,REF3230
REF3233,REF3240
SBVS058B −JUNE 2005 − REVISED FEBRUARY 2006
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Input Voltage
+7.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Short-Circuit
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−55
°C to +135°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Rating
Human Body Model
4kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charged Device Model
1kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Machine Model
400V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage. Exposure
to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those specified is not
implied.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
OUTPUT VOLTAGE
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
REF3212
1.25V
SOT23-6
DBV
R32A
REF3212
1.25V
SOT23-6
DBV
R32A
REF3220
2.048V
SOT23-6
DBV
R32B
REF3220
2.048V
SOT23-6
DBV
R32B
REF3225
2.5V
SOT23-6
DBV
R32C
REF3225
2.5V
SOT23-6
DBV
R32C
REF3230
3.0V
SOT23-6
DBV
R32D
REF3230
3.0V
SOT23-6
DBV
R32D
REF3233
3.30V
SOT23-6
DBV
R32E
REF3233
3.30V
SOT23-6
DBV
R32E
REF3240
4.096V
SOT23-6
DBV
R32F
REF3240
4.096V
SOT23-6
DBV
R32F
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com.
PIN CONFIGURATION
1
GND_F
GND_S
3
2
ENABLE
5
6
4
OUT_S
IN
OUT_F
Top View
SOT23
NOTE: The location of pin 1 on the REF32xx is determined by orienting the package marking as shown in the diagram above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com