Electronic Components Datasheet Search
  English  ▼

X  

REF3233 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF3233
Description  4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF3233 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  REF3233 Datasheet HTML 1Page - Burr-Brown (TI) REF3233 Datasheet HTML 2Page - Burr-Brown (TI) REF3233 Datasheet HTML 3Page - Burr-Brown (TI) REF3233 Datasheet HTML 4Page - Burr-Brown (TI) REF3233 Datasheet HTML 5Page - Burr-Brown (TI) REF3233 Datasheet HTML 6Page - Burr-Brown (TI) REF3233 Datasheet HTML 7Page - Burr-Brown (TI) REF3233 Datasheet HTML 8Page - Burr-Brown (TI) REF3233 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
REF3212,REF3220
REF3225,REF3230
REF3233,REF3240
SBVS058B −JUNE 2005 − REVISED FEBRUARY 2006
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the listed temperature range.
At TA = +25
°C, ILOAD = 0mA, and VIN = 5V, unless otherwise noted.
REF32xx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
REF3212 (1.25V)
OUTPUT VOLTAGE, VOUT
1.2475
1.25
1.2525
V
Initial Accuracy
−0.2
0.01
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
17
µVPP
Voltage Noise
f = 10Hz to 10kHz
24
µVRMS
REF3220 (2.048V)
OUTPUT VOLTAGE, VOUT
2.044
2.048
2.052
V
Initial Accuracy
−0.2
0.01
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
27
µVPP
Voltage Noise
f = 10Hz to 10kHz
39
µVRMS
REF3225 (2.5V)
OUTPUT VOLTAGE, VOUT
2.495
2.50
2.505
V
Initial Accuracy
−0.2
0.01
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
33
µVPP
Voltage Noise
f = 10Hz to 10kHz
48
µVRMS
REF3230 (3V)
OUTPUT VOLTAGE, VOUT
2.994
3
3.006
V
Initial Accuracy
−0.2
0.01
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
39
µVPP
Voltage Noise
f = 10Hz to 10kHz
57
µVRMS
REF3233 (3.3V)
OUTPUT VOLTAGE, VOUT
3.293
3.3
3.307
V
Initial Accuracy
−0.2
0.01
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
43
µVPP
Voltage Noise
f = 10Hz to 10kHz
63
µVRMS
REF3240 (4.096V)
OUTPUT VOLTAGE, VOUT
4.088
4.096
4.104
V
Initial Accuracy
−0.2
0.01
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
53
µVPP
Voltage Noise
f = 10Hz to 10kHz
78
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com