Electronic Components Datasheet Search
  English  ▼

X  

REF3233 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF3233
Description  4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF3233 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  REF3233 Datasheet HTML 1Page - Burr-Brown (TI) REF3233 Datasheet HTML 2Page - Burr-Brown (TI) REF3233 Datasheet HTML 3Page - Burr-Brown (TI) REF3233 Datasheet HTML 4Page - Burr-Brown (TI) REF3233 Datasheet HTML 5Page - Burr-Brown (TI) REF3233 Datasheet HTML 6Page - Burr-Brown (TI) REF3233 Datasheet HTML 7Page - Burr-Brown (TI) REF3233 Datasheet HTML 8Page - Burr-Brown (TI) REF3233 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
REF3212,REF3220
REF3225,REF3230
REF3233,REF3240
SBVS058B −JUNE 2005 − REVISED FEBRUARY 2006
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the listed temperature range.
At TA = +25
°C, ILOAD = 0mA, and VIN = 5V, unless otherwise noted.
REF32xx
PARAMETER
UNIT
MAX
TYP
MIN
CONDITIONS
REF3212 / REF3220 / REF3225 / REF3230 / REF3233 / REF3240
OUTPUT VOLTAGE TEMP DRIFT
dVOUT/dT
0
°C ≤ TA ≤ +125°C
4
7
ppm/
°C
−40
°C ≤ TA ≤ +125°C
10.5
20
ppm/
°C
LONG-TERM STABILITY
0 to 1000h
55
ppm
LINE REGULATION
VOUT + 0.05(1) ≤ VIN ≤ 5.5V
−65
15
+65
ppm/V
LOAD REGULATION
dVOUT/dILOAD
Sourcing
0mA < ILOAD < 10mA, VIN = VOUT + 250mV(1)
−40
3
40
µV/mA
Sinking
−10mA < ILOAD < 0mA, VIN = VOUT + 100mV(1)
−60
20
60
µV/mA
THERMAL HYSTERESIS(2)
dT
First cycle
100
ppm
Additional cycles
25
ppm
DROPOUT VOLTAGE(1)
VIN −VOUT
0
°C ≤ TA ≤ +125°C
5
50
mV
OUTPUT CURRENT
ILOAD
VIN = VOUT + 250mV(1)
−10
10
mA
SHORT-CIRCUIT CURRENT
ISC
Sourcing
50
mA
Sinking
40
mA
TURN-ON SETTLING TIME
to 0.1% at VIN = 5V with CL = 0
60
µs
ENABLE/SHUTDOWN
VL
Reference in Shutdown mode
0
0.7
V
VH
Reference is active
0.75
× VIN
VIN
V
POWER SUPPLY
IL = 0
Voltage
VIN
VOUT + 0.05(1)
5.5
V
Current
IQ
ENABLE > 0.75 x VIN
100
120
µA
Over-temperature
0
°C ≤ TA ≤ +125°C
115
135
mA
Shutdown
IS
ENABLE < 0.7V
0.1
1
µA
TEMPERATURE RANGE
Specified
−40
+125
°C
Operating
−55
+135
°C
Storage
−65
+150
°C
Thermal resistance, SOT23-6
θJA
200
°C/W
(1) The minimum supply voltage for the REF3212 is 1.8V.
(2) Thermal hysteresis procedure is explained in more detail in the Applications Information section.
(3) Load regulation is using force and sense lines; see the Load Regulation section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com