Electronic Components Datasheet Search
  English  ▼

X  

REF3233 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF3233
Description  4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF3233 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  REF3233 Datasheet HTML 1Page - Burr-Brown (TI) REF3233 Datasheet HTML 2Page - Burr-Brown (TI) REF3233 Datasheet HTML 3Page - Burr-Brown (TI) REF3233 Datasheet HTML 4Page - Burr-Brown (TI) REF3233 Datasheet HTML 5Page - Burr-Brown (TI) REF3233 Datasheet HTML 6Page - Burr-Brown (TI) REF3233 Datasheet HTML 7Page - Burr-Brown (TI) REF3233 Datasheet HTML 8Page - Burr-Brown (TI) REF3233 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEATURES
D EXCELLENT SPECIFIED DRIFT
PERFORMANCE:
7ppm/
°C (max) at 0°C to +125°C
20ppm/
°C (max) at −40°C to +125°C
D MICROSIZE PACKAGE: SOT23-6
D HIGH OUTPUT CURRENT: +10mA
D HIGH ACCURACY: 0.01%
D LOW QUIESCENT CURRENT: 100µA
D LOW DROPOUT: 5mV
APPLICATIONS
D PORTABLE EQUIPMENT
D DATA ACQUISITION SYSTEMS
D MEDICAL EQUIPMENT
D TEST EQUIPMENT
1
GND_F
GND_S
3
2
ENABLE
5
6
4
OUT_S
IN
OUT_F
REF3212
REF3220
REF3225
REF3230
REF3233
REF3240
DESCRIPTION
The REF32xx is a very low drift, micropower, low-dropout,
precision voltage reference family available in the tiny
SOT23-6 package.
The small size and low power consumption (120
µA max)
of the REF32xx make it ideal for portable and
battery-powered applications. This reference is stable with
any capacitive load.
The REF32xx can be operated from a supply as low as
5mV above the output voltage, under no load conditions.
All models are specified for the wide temperature range of
−40
°C to +125°C.
AVAILABLE OUTPUT VOLTAGES
PRODUCT
VOLTAGE
REF3212
1.25V
REF3220
2.048V
REF3225
2.5V
REF3230
3.0V
REF3233
3.3V
REF3240
4.096V
REF3212, REF3220
REF3225, REF3230
REF3233, REF3240
SBVS058B −JUNE 2005 − REVISED FEBRUARY 2006
4ppm/
°C, 100µA, SOT23-6
SERIES VOLTAGE REFERENCE
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2005−2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - REF3233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3233 TI-REF3233 Datasheet
263Kb / 14P
4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
REF3233 TI-REF3233 Datasheet
902Kb / 20P
4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE
REF3233 TI1-REF3233 Datasheet
820Kb / 22P
SOT23-6 SERIES VOLTAGE REFERENCES
REF3233 TI2-REF3233 Datasheet
1Mb / 21P
4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
REVISED AUGUST 2011
REF3233 TI2-REF3233 Datasheet
532Kb / 21P
4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
REVISED AUGUST 2011
More results

Similar Description - REF3233

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3125 BURR-BROWN-REF3125 Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF3212 TI-REF3212 Datasheet
263Kb / 14P
4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912 Datasheet
345Kb / 13P
100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF3012 BURR-BROWN-REF3012 Datasheet
412Kb / 14P
50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF3112 BURR-BROWN-REF3112 Datasheet
284Kb / 13P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
logo
Texas Instruments
REF3212 TI-REF3212_13 Datasheet
902Kb / 20P
4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com