Electronic Components Datasheet Search
  English  ▼

X  

REF3233 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF3233
Description  4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF3233 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button REF3233 Datasheet HTML 5Page - Burr-Brown (TI) REF3233 Datasheet HTML 6Page - Burr-Brown (TI) REF3233 Datasheet HTML 7Page - Burr-Brown (TI) REF3233 Datasheet HTML 8Page - Burr-Brown (TI) REF3233 Datasheet HTML 9Page - Burr-Brown (TI) REF3233 Datasheet HTML 10Page - Burr-Brown (TI) REF3233 Datasheet HTML 11Page - Burr-Brown (TI) REF3233 Datasheet HTML 12Page - Burr-Brown (TI) REF3233 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
REF3212,REF3220
REF3225,REF3230
REF3233,REF3240
SBVS058B −JUNE 2005 − REVISED FEBRUARY 2006
www.ti.com
9
The REF32xx also features a low quiescent current of
100
µA, with a maximum quiescent current over
temperature of just 135
µA. The quiescent current typically
changes less than 2
µA over the entire supply range, as
shown in Figure 3.
110
108
106
104
102
100
98
96
94
1.5
2.0
3.0
4.0
2.5
3.5
4.5
6.0
5.0
5.5
Power Supply (V)
Figure 3. Supply Current vs Supply Voltage
Supply voltages below the specified levels can cause the
REF32xx to momentarily draw currents greater than the
typical quiescent current. This momentary current draw
can be prevented by using a power supply with a fast rising
edge and low output impedance.
SHUTDOWN
The REF32xx can be placed in a low-power mode by
pulling the ENABLE/SHUTDOWN pin low. When in
Shutdown mode, the output of the REF32xx becomes a
resistive load to ground. The value of the load depends on
the model, and ranges from approximately 100k
Ω to
400k
Ω.
THERMAL HYSTERESIS
Thermal hysteresis for the REF32xx is defined as the
change in output voltage after operating the device at
+25
_C, cycling the device through the specified
temperature range, and returning to +25
_C. It can be
expressed as:
V
HYST +
V
PRE
* V
POST
V
NOM
106(ppm)
Where:
VHYST = thermal hysteresis (in units of ppm).
VNOM = the specified output voltage.
VPRE = output voltage measured at +25_C
pretemperature cycling.
VPOST = output voltage measured after the device
has been cycled through the specified temperature
range of –40
_C to +125_C and returned to +25_C.
TEMPERATURE DRIFT
The REF32xx is designed to exhibit minimal drift error,
which is defined as the change in output voltage over
varying temperature. The drift is calculated using the box
method, as described by the following equation:
Drift
+
V
OUTMAX * VOUTMIN
V
OUT
Temp Range
106(ppm)
The REF32xx features a typical drift coefficient of 4ppm/
°C
from 0
_C to +125_C—the primary temperature range for
many
applications.
For
the
extended
industrial
temperature range of –40
_C to +125_C, the REF32xx
family drift increases to a typical value of 10.5ppm/
°C.
NOISE PERFORMANCE
Typical 0.1Hz to 10Hz voltage noise can be seen in the
Typical Characteristic curve, 0.1 to 10Hz Voltage Noise.
The noise voltage of the REF32xx increases with output
voltage and operating temperature. Additional filtering can
be used to improve output noise levels, although care
should be taken to ensure the output impedance does not
degrade AC performance.
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com