Electronic Components Datasheet Search
  English  ▼

X  

HA-2425 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA-2425
Description  3.2 us Sample and Hold Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2425 Datasheet(HTML) 3 Page - Intersil Corporation

  HA-2425 Datasheet HTML 1Page - Intersil Corporation HA-2425 Datasheet HTML 2Page - Intersil Corporation HA-2425 Datasheet HTML 3Page - Intersil Corporation HA-2425 Datasheet HTML 4Page - Intersil Corporation HA-2425 Datasheet HTML 5Page - Intersil Corporation HA-2425 Datasheet HTML 6Page - Intersil Corporation HA-2425 Datasheet HTML 7Page - Intersil Corporation HA-2425 Datasheet HTML 8Page - Intersil Corporation HA-2425 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN2856.6
November 19, 2004
DIGITAL INPUT CHARACTERISTICS
Digital Input Current
VIN = 0V
Full
-
-
-0.8
-
-
-0.8
mA
VIN = 5V
Full
-
-
20
-
-
20
µA
Digital Input Voltage
Low
Full
-
-
0.8
-
-
0.8
V
High
Full
2.0
-
-
2.0
-
-
V
SAMPLE AND HOLD CHARACTERISTICS
Acquisition Time (Note 2)
To 0.1% 10V Step
25
-
2.3
4
-
2.3
4
µs
Acquisition Time (Note 2)
To 0.01% 10V Step
25
-
3.2
6
-
3.2
6
µs
Hold Step Error
VIN = 0V
25
-
10
20
-
10
20
mV
Hold Mode Settling Time
To
±1mV
25
-
860
-
-
860
-
ns
Aperture Time (Note 3)
25
-
30
-
-
30
-
ns
Effective Aperture Delay Time
25
-
30
-
-
30
-
ns
Aperture Uncertainty
25
-
5
-
-
5
-
ns
Drift Current (Note 2)
VIN = 0V
25
-
5
-
-
5
-
pA
HA1-2420
Full
-
1.8
10
-
-
-
nA
HA1-2425
Full
-
-
-
-
0.1
1.0
nA
HA3-2425, HA4P2425,
HA9P2425
Full
-
-
-
-
7.5
10.0
nA
POWER SUPPLY CHARACTERISTICS
Supply Current (+)
25
-
3.5
5.5
-
3.5
5.5
mA
Supply Current (-)
25
-
2.5
3.5
-
2.5
3.5
mA
Power Supply Rejection
Full
80
90
-
74
90
-
dB
NOTES:
2. AV = ±1, RL = 2kΩ, CL = 50pF.
3. Derived from computer simulation only; not tested.
Functional Diagram
Electrical Specifications
Test Conditions (Unless Otherwise Specified) VSUPPLY = ±15.0V; CH = 1000pF; Digital Input: VIL =+0.8V
(Sample), VIH = +2.0V (Hold), Unity Gain Configuration (Output tied to Negative Input) (Continued)
PARAMETER
TEST
CONDITIONS
TEMP.
(oC)
HA-2420-2
HA-2425-5
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
4
3
OFFSET
ADJUST
V+
9
13
5
14
2
1
CONTROL
S/H
+INPUT
-INPUT
GND
V-
HA-2420/2425
7
OUT
11
HOLD
CAPACITOR
+
-
+
-
HA-2420, HA-2425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com