Electronic Components Datasheet Search
  English  ▼

X  

HA-2425 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA-2425
Description  3.2 us Sample and Hold Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2425 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HA-2425 Datasheet HTML 4Page - Intersil Corporation HA-2425 Datasheet HTML 5Page - Intersil Corporation HA-2425 Datasheet HTML 6Page - Intersil Corporation HA-2425 Datasheet HTML 7Page - Intersil Corporation HA-2425 Datasheet HTML 8Page - Intersil Corporation HA-2425 Datasheet HTML 9Page - Intersil Corporation HA-2425 Datasheet HTML 10Page - Intersil Corporation HA-2425 Datasheet HTML 11Page - Intersil Corporation HA-2425 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN2856.6
November 19, 2004
Typical Performance Curves
FIGURE 10. TYPICAL SAMPLE AND HOLD PERFORMANCE
AS A FUNCTION OF HOLDING CAPACITOR
FIGURE 11. BROADBAND NOISE CHARACTERISTICS
FIGURE 12. DRIFT CURRENT vs TEMPERATURE
FIGURE 13. OPEN LOOP FREQUENCY RESPONSE
FIGURE 14. HOLD MODE FEED THROUGH ATTENUATION
FIGURE 15. OPEN LOOP PHASE RESPONSE
CH VALUE
10pF
100pF
1000pF
0.01
µF0.1µF1.0µF
1000
100
10
1.0
0.1
0.01
DRIFT DURING HOLD
AT 25oC (mV/s)
SLEW RATE
(V/
µs)
HOLD STEP
OFFSET
ERROR (mV)
UNITY GAIN
BANDWIDTH
(MHz)
UNITY GAIN PHASE
MARGIN (DEGREES)
MIN. SAMPLE TIME
FOR 0.1% ACCURACY
10V SWINGS (
µs)
1000
100
10
1
10
100
1K
10K
100K
1M
BANDWIDTH (LOWER 3dB FREQUENCY = 10Hz)
OUTPUT NOISE
“HOLD” MODE
EQUIV. INPUT NOISE
“SAMPLE” MODE - 0
Ω
SOURCE RESISTANCE
EQUIV. INPUT NOISE
“SAMPLE” MODE - 100k
Ω
SOURCE RESISTANCE
1000
100
10
1
-50
-25
0
25
50
75
100
125
TEMPERATURE (oC)
100
90
80
70
60
50
40
30
20
10
0
-10
-20
-30
10
100
1K
10K
100K
1M
10M
100M
FREQUENCY (Hz)
CH = 100pF
CH = 1000pF
CH = 0.01µF
CH = 1.0µF
CH = 0.1µF
-30
-40
-50
-60
-70
-80
-90
100
1K
10K
100K
1M
10M
±10V SINUSOIDAL INPUT FREQUENCY (Hz)
CH = 1000pF
0
20
40
60
80
100
120
140
160
180
200
220
240
10
100
1K
10K
100K
1M
10M
100M
FREQUENCY (Hz)
CH = 0.01µF
CH = 1000pF
CH ≤ 100pF
CH = 0.1µF
CH = 1.0µF
S/H
CONTROL
SAMPLE
HOLD
4V
0V
HA-2420, HA-2425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com