Electronic Components Datasheet Search
  English  ▼

X  

HA-2425 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA-2425
Description  3.2 us Sample and Hold Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2425 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HA-2425 Datasheet HTML 3Page - Intersil Corporation HA-2425 Datasheet HTML 4Page - Intersil Corporation HA-2425 Datasheet HTML 5Page - Intersil Corporation HA-2425 Datasheet HTML 6Page - Intersil Corporation HA-2425 Datasheet HTML 7Page - Intersil Corporation HA-2425 Datasheet HTML 8Page - Intersil Corporation HA-2425 Datasheet HTML 9Page - Intersil Corporation HA-2425 Datasheet HTML 10Page - Intersil Corporation HA-2425 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN2856.6
November 19, 2004
Glossary of Terms
Acquisition Time
The time required following a “sample” command, for the output
to reach its final value within
±0.1% or ±0.01%. This is the
minimum sample time required to obtain a given accuracy, and
includes switch delay time, slewing time and settling time.
Aperture Time
The time required for the sample-and-hold switch to open,
independent of delays through the switch driver and input
amplifier circuitry. The switch opening time is that interval
between the conditions of 10% open and 90% open.
Effective Aperture Delay Time (EADT)
The difference between the digital delay time from the Hold
command to the opening of the S/H switch, and the
propagation time from the analog input to the switch.
EADT may be positive, negative or zero. If zero, the S/H
amplifier will output a voltage equal to VIN at the instant the
Hold command was received. For negative EADT, the output in
Hold (exclusive of pedestal and droop errors) will correspond to
a value of VIN that occurred before the Hold command.
Aperture Uncertainty
The range of variation in Effective Aperture Delay Time.
Aperture Uncertainty (also called Aperture Delay Uncertainty,
Aperture Time Jitter, etc.) sets a limit on the accuracy with
which a waveform can be reconstructed from sample data.
Drift Current
The net leakage current from the hold capacitor during the
hold mode. Drift current can be calculated from the droop
rate using the formula:
-IN
+IN
V-
V+
GND
CONTROL
OUT
HOLD
CAPACITOR
FIGURE 9. GUARD RING LAYOUT (BOTTOM VIEW)
I
D (pA)
C
H (pF)
∆V
∆t
--------
×
(V s
)
⁄
=
HA-2420, HA-2425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com