Electronic Components Datasheet Search
  English  ▼

X  

HA-2425 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HA-2425
Description  3.2 us Sample and Hold Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2425 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HA-2425 Datasheet HTML 4Page - Intersil Corporation HA-2425 Datasheet HTML 5Page - Intersil Corporation HA-2425 Datasheet HTML 6Page - Intersil Corporation HA-2425 Datasheet HTML 7Page - Intersil Corporation HA-2425 Datasheet HTML 8Page - Intersil Corporation HA-2425 Datasheet HTML 9Page - Intersil Corporation HA-2425 Datasheet HTML 10Page - Intersil Corporation HA-2425 Datasheet HTML 11Page - Intersil Corporation HA-2425 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN2856.6
November 19, 2004
Die Characteristics
DIE DIMENSIONS:
102 mils x 61 mils x 19 mils
2590
µm x 1550µm x 483µm
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å ±2kÅ
SUBSTRATE POTENTIAL:
V-
BACKSIDE FINISH:
Gold, Nickel, Silicon, etc.
PASSIVATION:
Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos.)
Silox Thickness: 12k
Å ±2kÅ
Nitride Thickness: 3.5k
Å ±1.5kÅ
TRANSISTOR COUNT:
78
PROCESS:
Bipolar Dielectric Isolation
Metallization Mask Layout
HA-2420, HA-2425
+IN
IN
GND
HOLD CAP
V+
V-
VOS ADJ
VOS ADJ
OUTPUT
HA-2420, HA-2425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com