Electronic Components Datasheet Search
  English  ▼

X  

LAN91C96IQFP Datasheet(PDF) 17 Page - SMSC Corporation

Part # LAN91C96IQFP
Description  Non-PCI Single-Chip Full Duplex Ethernet Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96IQFP Datasheet(HTML) 17 Page - SMSC Corporation

Back Button LAN91C96IQFP Datasheet HTML 13Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 14Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 15Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 16Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 17Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 18Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 19Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 20Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller
SMSC DS – LAN91C96I
Page 17
Rev. 03-28-07
DATASHEET
PIN NO.
TQFP
QFP
PIN NAME
TYPE
DESCRIPTION
71,79,
89
73,81,
91
AVDD
+5.0V analog power supply pins or 3.3V power supply pins
100,6,
22,29
54,64,92
,16
2,8,18,
24,31,
56,66,
94
GND
Ground pins.
78,86
87
80,88,89
AGND
Analog ground pins.
4.1
Buffer Symbols
O4
Output buffer with 2mA source and 4mA sink at 5V.
Output buffer with 1mA source and 2mA sink at 3.3V.
I/O4
Output buffer with 2mA source and 4mA sink at 5V.
Output buffer with 1mA source and 2mA sink at 3.3V.
O162
Output buffer with 2mA source and 16mA sink at 5V.
Output buffer with 1mA source and 8mA sink at 3.3V.
O24
Output buffer with 12mA source and 24mA sink at 5V.
Output buffer with 6mA source and 12mA sink at 3.3V.
OD16
Open drain buffer with 16mA sink at 5V.
Open drain buffer with 8mA sink at 3.3V.
OD24
Open drain buffer with 24mA sink at 5V.
Open drain buffer with 12mA sink at 3.3V.
I/O24
Bi-directional buffer with 12mA source and 24mA sink at 5V.
Bi-directional buffer with 6mA source and 16mA sink at 3.3V.
I
Input buffer with TTL levels.
IS
Input buffer with Schmitt Trigger Hysteresis.
Iclk
Clock input buffer.
**
Signal is 5.0V input tolerant when Vcc=3.3V.
DC levels and conditions defined in the DC Electrical Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com