Electronic Components Datasheet Search
  English  ▼

X  

LAN91C96IQFP Datasheet(PDF) 80 Page - SMSC Corporation

Part # LAN91C96IQFP
Description  Non-PCI Single-Chip Full Duplex Ethernet Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96IQFP Datasheet(HTML) 80 Page - SMSC Corporation

Back Button LAN91C96IQFP Datasheet HTML 76Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 77Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 78Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 79Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 80Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 81Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 82Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 83Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 84Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 109 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller
Rev. 03-28-07
Page 80
SMSC DS – LAN91C96I
DATASHEET
Squelch Function
The integrated smart squelch circuit employs a combination of amplitude and timing measurements to
determine the validity of data received off the network. It prevents noise at the differential inputs from
falsely triggering the decoder in the absence of valid data or link test pulses. Signal levels below 300mV
(180mV for AUI) or pulse widths less than 15ns at the differential inputs are rejected. Signals above
585mV (300mV for AUI) and pulse widths greater than 30ns will be accepted. When using the extended
cable mode with 10BASE-T media which extends beyond the standard limit of 100 meters, the squelch
level can optionally be set to reject signals below 180mV and accept signals above 300mV. If the input
signal exceeds the squelch requirements, the carrier sense output, nCRS, is asserted.
Reverse Polarity Function
In the 10BASE-T mode, the PHY monitors for receiver polarity reversal due to crossed wires and corrects
by reversing the signal internally.
Collision Detection Function
In the 10BASE-T mode, a collision state is indicated when there are simultaneous transmissions and
receptions on the twisted pair link. During a collision state, the nCOLL signal is asserted. If the received
data ends and the transmit control signal is still active, the transmit data is sent to the MAC within 9 bit
times. The nCOLL signal is de-asserted within 9 bit times after the collision terminates. In the AUI mode,
the external transceiver sends a 10MHz signal to the PHY upon detection of a collision.
Link Integrity
The PHY test for a faulty twisted-pair link. In the absence of transmit data, link test pulses are transmitted
every 16+/-8ms after the end of the last transmission or link pulse on the twisted pair medium. If neither
valid data nor link test pulses are received within 10 to 150ms, the link is declared bad and both data
transmission as well as the operational loopback function are disabled. The Link Integrity function can be
disabled for pre-10BASE-T twisted-pair networks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com