Electronic Components Datasheet Search
  English  ▼

X  

LAN91C96IQFP Datasheet(PDF) 61 Page - SMSC Corporation

Part # LAN91C96IQFP
Description  Non-PCI Single-Chip Full Duplex Ethernet Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96IQFP Datasheet(HTML) 61 Page - SMSC Corporation

Back Button LAN91C96IQFP Datasheet HTML 57Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 58Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 59Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 60Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 61Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 62Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 63Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 64Page - SMSC Corporation LAN91C96IQFP Datasheet HTML 65Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 109 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller
SMSC DS – LAN91C96I
Page 61
Rev. 03-28-07
DATASHEET
8.2
Typical Flow of Events for Transmit (Auto Release = 1)
S/W DRIVER
MAC SIDE
1
ISSUE ALLOCATE MEMORY FOR TX - N
BYTES - the MMU attempts to allocate N bytes
of RAM.
2
WAIT
FOR
SUCCESSFUL
COMPLETION
CODE - Poll until the ALLOC INT bit is set or
enable its mask bit and wait for the interrupt.
The TX packet number is now at the Allocation
Result Register.
3
LOAD TRANSMIT DATA - Copy the TX packet
number into the Packet Number Register. Write
the Pointer Register, then use a block move
operation from the upper layer transmit queue
into the Data Register.
4
ISSUE "ENQUEUE PACKET NUMBER TO TX
FIFO" - This command writes the number
present in the Packet Number Register into the
TX FIFO. The transmission is now enqueued.
No further CPU intervention is needed until a
transmit interrupt is generated.
5
The enqueued packet will be transferred to the
MAC block as a function of TXENA (nTCR) bit
and of the deferral process (1/2 duplex mode
only) state.
6
Transmit
pages
are
released
by
transmit
completion.
7
a)
The MAC generates a TXEMPTY interrupt
upon a completion of a sequence of
enqueued packets.
b)
If a TX failure occurs on any packets, TX
INT is generated and TXENA is cleared,
transmission sequence stops. The packet
number of the failure packet is presented at
the TX FIFO PORTS Register.
8
a)
SERVICE INTERRUPT – Read Interrupt
Status Register, exit the interrupt service
routine.
b)
Option 1) Release the packet.
Option 2) Check the transmit status in the
EPH STATUS Register, write the packet
number of the current packet to the Packet
Number Register, re-enable TXENA, then
go to step 4 to start the TX sequence again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com