Electronic Components Datasheet Search
  English  ▼

X  

ISP1122AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # ISP1122AD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122AD Datasheet(HTML) 1 Page - NXP Semiconductors

  ISP1122AD Datasheet HTML 1Page - NXP Semiconductors ISP1122AD Datasheet HTML 2Page - NXP Semiconductors ISP1122AD Datasheet HTML 3Page - NXP Semiconductors ISP1122AD Datasheet HTML 4Page - NXP Semiconductors ISP1122AD Datasheet HTML 5Page - NXP Semiconductors ISP1122AD Datasheet HTML 6Page - NXP Semiconductors ISP1122AD Datasheet HTML 7Page - NXP Semiconductors ISP1122AD Datasheet HTML 8Page - NXP Semiconductors ISP1122AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
ISP1122A
Universal Serial Bus stand-alone hub
Rev. 01 — 27 March 2000
Preliminary specification
c
c
1.
General description
The ISP1122A is a stand-alone Universal Serial Bus (USB) hub device which
complies with
USB Specification Rev. 1.1. It integrates a Serial Interface Engine
(SIE), hub repeater, hub controller, USB data transceivers and a 3.3 V voltage
regulator. It has a configurable number of downstream ports, ranging from 2 to 5.
The ISP1122A can be bus-powered, self-powered or hybrid-powered. When it is
hybrid-powered the hub functions are powered by the upstream power supply (VBUS),
but the downstream ports are powered by an external 5 Volt supply. The low power
consumption in ‘suspend’ mode allows easy design of equipment that is compliant
with the ACPI™, OnNow™ and USB power management requirements.
The ISP1122A has built-in overcurrent sense inputs, supporting individual and global
overcurrent protection for downstream ports. All ports (including the hub) have
GoodLink™ indicator outputs for easy visual monitoring of USB traffic. The ISP1122A
has a serial I2C-bus interface for external EEPROM access and a reduced frequency
(6 MHz) crystal oscillator. These features allow significant cost savings in system
design and easy implementation of advanced USB functionality into PC peripherals.
2.
Features
s High performance USB hub device with integrated hub repeater, hub controller,
Serial Interface Engine (SIE), data transceivers and 3.3 V voltage regulator
s Complies with Universal Serial Bus Specification Rev. 1.1 and ACPI, OnNow and
USB power management requirements
s Configurable from 2 to 5 downstream ports with automatic speed detection
s Internal power-on reset and low voltage reset circuit
s Supports bus-powered, hybrid-powered and self-powered application
s Individual or ganged power switching for downstream ports
s Individual or global port overcurrent protection with built-in sense circuits
s 6 MHz crystal oscillator with on-chip PLL for low EMI
s Visual USB traffic monitoring (GoodLink™) for hub and downstream ports
s I2C-bus interface to read vendor ID, product ID and configuration bits from
external EEPROM
s Operation over the extended USB bus voltage range (4.0 to 5.5 V)
s Operating temperature range
−40 to +85 °C
s 8 kV in-circuit ESD protection for lower cost of external components


Similar Part No. - ISP1122AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1122 PHILIPS-ISP1122 Datasheet
1Mb / 48P
Universal Serial Bus stand-alone hub
Rev. 03-29 March 2000
ISP1122BD PHILIPS-ISP1122BD Datasheet
1Mb / 48P
Universal Serial Bus stand-alone hub
Rev. 03-29 March 2000
ISP1122D PHILIPS-ISP1122D Datasheet
1Mb / 48P
Universal Serial Bus stand-alone hub
Rev. 03-29 March 2000
ISP1122NB PHILIPS-ISP1122NB Datasheet
1Mb / 48P
Universal Serial Bus stand-alone hub
Rev. 03-29 March 2000
More results

Similar Description - ISP1122AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1122 PHILIPS-ISP1122 Datasheet
1Mb / 48P
Universal Serial Bus stand-alone hub
Rev. 03-29 March 2000
ISP1123 PHILIPS-ISP1123 Datasheet
1Mb / 49P
Universal Serial Bus compound hub
Rev. 01-5 October 1999
PDIUSBH11 PHILIPS-PDIUSBH11 Datasheet
146Kb / 26P
Universal Serial Bus Hub
1997 Aug 01
PDIUSBH11A PHILIPS-PDIUSBH11A Datasheet
157Kb / 28P
Universal Serial Bus Hub
1999 Jul 22
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
NXP Semiconductors
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
logo
Texas Instruments
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
NXP Semiconductors
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
logo
NEC
UPD72012 NEC-UPD72012 Datasheet
414Kb / 36P
HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
logo
NXP Semiconductors
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com