Electronic Components Datasheet Search
  English  ▼

X  

ISP1122AD Datasheet(PDF) 36 Page - NXP Semiconductors

Part # ISP1122AD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122AD Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button ISP1122AD Datasheet HTML 32Page - NXP Semiconductors ISP1122AD Datasheet HTML 33Page - NXP Semiconductors ISP1122AD Datasheet HTML 34Page - NXP Semiconductors ISP1122AD Datasheet HTML 35Page - NXP Semiconductors ISP1122AD Datasheet HTML 36Page - NXP Semiconductors ISP1122AD Datasheet HTML 37Page - NXP Semiconductors ISP1122AD Datasheet HTML 38Page - NXP Semiconductors ISP1122AD Datasheet HTML 39Page - NXP Semiconductors ISP1122AD Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Philips Semiconductors
ISP1122A
USB stand-alone hub
Preliminary specification
Rev. 01 — 27 March 2000
36 of 48
9397 750 06986
© Philips Electronics N.V. 2000. All rights reserved.
Fig 18. Receiver SE0 width tolerance.
handbook, halfpage
MGR872
differential
data lines
+3.3 V
0 V
tFST
VIH(min)
Full-speed timing symbols have a subscript prefix ‘F’, low-speed timings a prefix ‘L’.
Fig 19. Hub differential data delay and SOP distortion.
handbook, full pagewidth
MGR777
SOP distortion:
tSOP = tHDD (next J) − tHDD(SOP)
(A) downstream hub delay
(B) upstream hub delay
upstream
differential
data lines
hub delay
downstream
tHDD
hub delay
upstream
tHDD
downstream
differential
data lines
downstream
differential
data
upstream
differential
data
crossover
point
crossover
point
crossover
point
crossover
point
+3.3 V
0 V
+3.3 V
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com