Electronic Components Datasheet Search
  English  ▼

X  

ISP1122AD Datasheet(PDF) 23 Page - NXP Semiconductors

Part # ISP1122AD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122AD Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button ISP1122AD Datasheet HTML 19Page - NXP Semiconductors ISP1122AD Datasheet HTML 20Page - NXP Semiconductors ISP1122AD Datasheet HTML 21Page - NXP Semiconductors ISP1122AD Datasheet HTML 22Page - NXP Semiconductors ISP1122AD Datasheet HTML 23Page - NXP Semiconductors ISP1122AD Datasheet HTML 24Page - NXP Semiconductors ISP1122AD Datasheet HTML 25Page - NXP Semiconductors ISP1122AD Datasheet HTML 26Page - NXP Semiconductors ISP1122AD Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Philips Semiconductors
ISP1122A
USB stand-alone hub
Preliminary specification
Rev. 01 — 27 March 2000
23 of 48
9397 750 06986
© Philips Electronics N.V. 2000. All rights reserved.
Assuming a 5 V
± 3% power supply the worst case supply voltage is 4.85 V. This only
allows a voltage drop of 100 mV across the hub printed-circuit board (PCB) to each
downstream connector. This includes a voltage drop across:
• Power supply connector
• Hub PCB (power and ground traces, ferrite beads)
• Power switch (FET on-resistance)
• Overcurrent sense device.
PCB resistance and power supply connector resistance may cause a drop of 25 mV,
leaving only 75 mV as the voltage drop allowed across the power switch and
overcurrent sense device. The individual voltage drop components are shown in
Figure 6.
In case of global overcurrent detection an increased voltage drop is needed for the
overcurrent sense device (in this case a low-ohmic resistor). This can be realized by
using a special power supply of 5.1 V
± 3%, as shown in Figure 7.
11.1.2
Bus-powered hubs
Bus-powered hubs are guaranteed to receive a supply voltage of 4.5 V at the
upstream port connector and must provide a minimum of 4.4 V to the downstream
port connectors. The voltage drop of 100 mV across bus-powered hubs includes:
• Hub PCB (power and ground traces, ferrite beads)
• Power switch (FET on-resistance)
• Overcurrent sense device.
(1) Includes PCB traces, ferrite beads, etc.
Fig 6.
Typical voltage drop components in self-powered mode using individual overcurrent detection.
handbook, full pagewidth
5 V
POWER SUPPLY
± 3% regulated
−
+
4.85 V(min)
MGR781
low-ohmic
PMOS switch
ISP1122
power
switch
VBUS
D
+
D
−
GND
SHIELD
4.75 V(min)
downstream
port
connector
hub board
resistance
voltage drop
25 mV
voltage drop
75 mV
(1)
(1) Includes PCB traces, ferrite beads, etc.
Fig 7.
Typical voltage drop components in self-powered mode using global overcurrent detection.
handbook, full pagewidth
5.1 V KICK-UP
POWER SUPPLY
± 3% regulated
−
+
4.95 V(min)
MGR782
low-ohmic
PMOS switch
ISP1122
power
switch
VBUS
D
+
D
−
GND
SHIELD
4.75 V(min)
downstream
port
connector
hub board
resistance
voltage drop
25 mV
voltage drop
75 mV
low-ohmic
sense resistor
for overcurrent
detection
voltage drop
100 mV
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com