Electronic Components Datasheet Search
  English  ▼

X  

ISP1122AD Datasheet(PDF) 14 Page - NXP Semiconductors

Part # ISP1122AD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122AD Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button ISP1122AD Datasheet HTML 10Page - NXP Semiconductors ISP1122AD Datasheet HTML 11Page - NXP Semiconductors ISP1122AD Datasheet HTML 12Page - NXP Semiconductors ISP1122AD Datasheet HTML 13Page - NXP Semiconductors ISP1122AD Datasheet HTML 14Page - NXP Semiconductors ISP1122AD Datasheet HTML 15Page - NXP Semiconductors ISP1122AD Datasheet HTML 16Page - NXP Semiconductors ISP1122AD Datasheet HTML 17Page - NXP Semiconductors ISP1122AD Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Philips Semiconductors
ISP1122A
USB stand-alone hub
Preliminary specification
Rev. 01 — 27 March 2000
14 of 48
9397 750 06986
© Philips Electronics N.V. 2000. All rights reserved.
[1]
USB Specification Rev. 1.0 uses 00H, USB Specification Rev. 1.1 specifies 29H.
[2]
Returned value in bytes.
[3]
Feature selector value, see Table 9.
[4]
Downstream port identifier: 1 to N with N = number of enabled ports (2 to 5).
Status
Get Hub Status
1010 0000
00
00, 00
00, 00
04, 00
hub status and
status change
field
Get Port Status
1010 0011
00
00, 00
port [4], 00
04, 00
port status
Unsupported
Get Bus Status
1010 0011
02
00, 00
port [4], 00
01, 00
STALL
Clear Hub Feature
(C_OVER_CURRENT)
X010 0000
01
01, 00
00, 00
00, 00
STALL
Set Hub Descriptor
0010 0000
07
XX, XX
00, 00
3E, 00
STALL
Set Hub Feature
(C_LOCAL_POWER)
X010 0000
03
00, 00
00, 00
00, 00
STALL
Set Hub Feature
(C_OVER_CURRENT)
X010 0000
03
01, 00
00, 00
00, 00
STALL
Table 8:
Hub specific requests…continued
Request name
bmRequestType
byte 0 [7:0]
(Bin)
bRequest
byte 1
(Hex)
wValue
byte 2, 3
(Hex)
wIndex
byte 4, 5
(Hex)
wLength
byte 6, 7
(Hex)
Data
Table 9:
Port feature selectors
Feature selector name
Value (Hex)
Set feature
Clear feature
PORT_CONNECTION
00
not used
not used
PORT_ENABLE
01
not used
disables a port
PORT_SUSPEND
02
suspends a port
resumes a port
PORT_OVERCURRENT
03
not used
not used
PORT_RESET
04
resets and enables a
port
not used
PORT_POWER
08
powers on a port
powers off a port
PORT_LOW_SPEED
09
not used
not used
C_PORT_CONNECTION
10
not used
clears port connection
change bit
C_PORT_ENABLE
11
not used
clears port enable
change bit
C_PORT_SUSPEND
12
not used
clears port suspend
change bit
C_PORT_OVERCURRENT
13
not used
clears port overcurrent
change bit
C_PORT_RESET
14
not used
clears port reset
change bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com