Electronic Components Datasheet Search
  English  ▼

X  

ISP1122AD Datasheet(PDF) 12 Page - NXP Semiconductors

Part # ISP1122AD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122AD Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button ISP1122AD Datasheet HTML 8Page - NXP Semiconductors ISP1122AD Datasheet HTML 9Page - NXP Semiconductors ISP1122AD Datasheet HTML 10Page - NXP Semiconductors ISP1122AD Datasheet HTML 11Page - NXP Semiconductors ISP1122AD Datasheet HTML 12Page - NXP Semiconductors ISP1122AD Datasheet HTML 13Page - NXP Semiconductors ISP1122AD Datasheet HTML 14Page - NXP Semiconductors ISP1122AD Datasheet HTML 15Page - NXP Semiconductors ISP1122AD Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Philips Semiconductors
ISP1122A
USB stand-alone hub
Preliminary specification
Rev. 01 — 27 March 2000
12 of 48
9397 750 06986
© Philips Electronics N.V. 2000. All rights reserved.
9.
Host requests
The ISP1122A handles all standard USB requests from the host via control
endpoint 0. The control endpoint can handle a maximum of 64 bytes per transfer.
Remark: Please note that the USB data transmission order is Least Significant Bit
(LSB) first. In the following tables multi-byte variables are displayed least significant
byte first.
9.1 Standard requests
Table 7 shows the supported standard USB requests. Some requests are explicitly
unsupported. All other requests will be responded with a STALL packet.
Table 6:
Status Change byte: bit allocation
Bit
Symbol
Description
0
Hub SC
a logic 1 indicates a status change on the hub’s upstream port
1
Port 1 SC
a logic 1 indicates a status change on downstream port 1
2
Port 2 SC
a logic 1 indicates a status change on downstream port 2
3
Port 3 SC
a logic 1 indicates a status change on downstream port 3
4
Port 4 SC
a logic 1 indicates a status change on downstream port 4
5
Port 5 SC
a logic 1 indicates a status change on downstream port 5
6
reserved
not used
7
reserved
not used
Table 7:
Standard USB requests
Request name
bmRequestType
byte 0 [7:0]
(Bin)
bRequest
byte 1
(Hex)
wValue
byte 2, 3
(Hex)
wIndex
byte 4, 5
(Hex)
wLength
byte 6, 7
(Hex)
Data
Address
Set Address
X000 0000
05
address [1]
00, 00
00, 00
none
Configuration
Get Configuration
1000 0000
08
00, 00
00, 00
01, 00
configuration
value = 01H
Set Configuration (0)
X000 0000
09
00, 00
00, 00
00, 00
none
Set Configuration (1)
X000 0000
09
01, 00
00, 00
00, 00
none
Descriptor
Get Configuration
Descriptor
1000 0000
06
00, 02
00, 00
length [2]
configuration,
interface and
endpoint
descriptors
Get Device Descriptor
1000 0000
06
00, 01
00, 00
length [2]
device
descriptor
Get String Descriptor (0)
1000 0000
06
03, 00
00, 00
length [2]
language ID
string
Get String Descriptor (1)
1000 0000
06
03, 01
00, 00
length [2]
manufacturer
string
Get String Descriptor (2)
1000 0000
06
03, 02
00, 00
length [2]
product string



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com