Electronic Components Datasheet Search
  English  ▼

X  

TP37 Datasheet(PDF) 43 Page - Siemens Semiconductor Group

Part # TP37
Description  SIMATIC HMI
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP37 Datasheet(HTML) 43 Page - Siemens Semiconductor Group

Back Button TP37 Datasheet HTML 39Page - Siemens Semiconductor Group TP37 Datasheet HTML 40Page - Siemens Semiconductor Group TP37 Datasheet HTML 41Page - Siemens Semiconductor Group TP37 Datasheet HTML 42Page - Siemens Semiconductor Group TP37 Datasheet HTML 43Page - Siemens Semiconductor Group TP37 Datasheet HTML 44Page - Siemens Semiconductor Group TP37 Datasheet HTML 45Page - Siemens Semiconductor Group TP37 Datasheet HTML 46Page - Siemens Semiconductor Group TP37 Datasheet HTML 47Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 230 page
background image
5-1
TP27, TP37 Equipment Manual
Release 01/00
Password Protection
Password protection can be configured for buttons and input fields to prevent
operation of the Touch Panel by unauthorized personnel.
5.1
Password Level and Access Permissions
During the configuration phase with ProTool, the configurer assigns the but-
tons and input fields hierarchically ascending password levels from 0 to 9.
When a password is assigned to an individual user or to a whole user group,
the permission to execute functions at a specific level is assigned simulta-
neously.
After logging in with a password of a specific password level on the Touch
Panel, permission to execute functions is granted at that password level and
functions at lower levels.
If a function is configured with password level 0, no password need be entered
in order to execute this function. The functions assigned at this level, the low-
est in the hierarchy, have little or no effect on operation. These functions nor-
mally do not have input options; one example is Open Message Pages.
To call a password level 0 function, you do not have to enter a password. If you
call a function that is assigned to a higher level, the Touch Panel will prompt
you to enter a password.
Levels 1 to 8 should be assigned by the configurer according to the signifi-
cance of the respective function. The supervisor (superuser) is responsible for
assigning a password level to a password as part of his password management
duties.
Only the superuser has the rights to execute functions assigned password
level 9. The superuser has access to all the functions of the Touch Panel.
Only the superuser is authorized to perform password management on the
Touch Panel. Password management involves assigning and changing pass-
words.
Access protection
Password
hierarchy
Password level 0
Password level
1 – 8
Password level 9
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com