Electronic Components Datasheet Search
  English  ▼

X  

TP37 Datasheet(PDF) 59 Page - Siemens Semiconductor Group

Part # TP37
Description  SIMATIC HMI
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP37 Datasheet(HTML) 59 Page - Siemens Semiconductor Group

Back Button TP37 Datasheet HTML 55Page - Siemens Semiconductor Group TP37 Datasheet HTML 56Page - Siemens Semiconductor Group TP37 Datasheet HTML 57Page - Siemens Semiconductor Group TP37 Datasheet HTML 58Page - Siemens Semiconductor Group TP37 Datasheet HTML 59Page - Siemens Semiconductor Group TP37 Datasheet HTML 60Page - Siemens Semiconductor Group TP37 Datasheet HTML 61Page - Siemens Semiconductor Group TP37 Datasheet HTML 62Page - Siemens Semiconductor Group TP37 Datasheet HTML 63Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 230 page
background image
6-9
TP27, TP37 Equipment Manual
Release 01/00
6.2
Displaying Messages
All message events are written in the message archive in chronological order.
Message events are the arrival, clearing and acknowledgment of a message. A
maximum of 512 message events can be stored in the Touch Panel message ar-
chive. Every message event is stored with the following information:
S message number
S event identifier
(A for arrived, D for cleared, K for acknowledged),
S time of the event with date and time of day
S acknowledgment group (alarm messages)
S message text
S values of tags at the time of arrival or clearing.
If a message contains process values, the values stored in the message archive
are those which were available when the message event arrived or has been
cleared. The Touch Panel does not record any current process values for the
Acknowledged message status. The value is replaced by ### characters. Fi-
gure 6-2 shows the structure of the message archive.
0000049
A
11:32:00 27.03.97
AGR:01
Boiler pressure too high: 12,7 bar
0000049
AK 11:33:20 27.03.97
AGR:01
Kesseldruck zu hoch: #### bar
0000010
A
11:34:36 27.03.97
AGR:02
Oil supply stopped
0000010
AK 11:35:18 27.03.97
AGR:02
Oil supply stopped
Message number
Message status
Time and date (time of arrival)
Process value (time of arrival)
Acknowledgment group
Figure 6-2
Storing message events in the message archive
Message archive
Messages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com