Electronic Components Datasheet Search
  English  ▼

X  

TP37 Datasheet(PDF) 17 Page - Siemens Semiconductor Group

Part # TP37
Description  SIMATIC HMI
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP37 Datasheet(HTML) 17 Page - Siemens Semiconductor Group

Back Button TP37 Datasheet HTML 13Page - Siemens Semiconductor Group TP37 Datasheet HTML 14Page - Siemens Semiconductor Group TP37 Datasheet HTML 15Page - Siemens Semiconductor Group TP37 Datasheet HTML 16Page - Siemens Semiconductor Group TP37 Datasheet HTML 17Page - Siemens Semiconductor Group TP37 Datasheet HTML 18Page - Siemens Semiconductor Group TP37 Datasheet HTML 19Page - Siemens Semiconductor Group TP37 Datasheet HTML 20Page - Siemens Semiconductor Group TP37 Datasheet HTML 21Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 230 page
background image
1-5
TP27, TP37 Equipment Manual
Release 01/00
1.2
The Touch Panels at a Glance
SIMATIC TP37
SIMATIC TP27
Hardware
TP27-6
Monochrome
TP27-6
Color
TP27-10
Color
TP37
Color
Models
Monochrome
display
Color display
4
–
–
4
Display
Type
STN1)-LCD
TFT2)-LCD
Size
5.7”
10.3”
Touch screen
Matrix 20 x 15
Analog, resistive
Resolution (pixels)
320 x 240
640 x 480
Colors
8
Grey shades
8
Back–lighting
4
Indicators
LEDs for
–
TP on
Temperature limit
value reached
Write/read access to
memory card
Interfaces
Serial interface to
connection
From PLC,
PC/PU, printer
2 x RS232/TTY
(active/passive)
1 x RS422/RS485
2 x RS232/TTY
(active/passive)
1 x RS422/RS485
1 x TTY (passive) /
RS422/RS485
Parallel interface for
connecting a printer
–
1 x TTL (Centronics)
1)
passive drive
2)
active drive
Product Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com