| Electronic Components Datasheet Search |
|
TP37 Datasheet(PDF) 71 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
TP37 Datasheet(HTML) 71 Page - Siemens Semiconductor Group |
|
71 / 230 page ![]() 6-21 TP27, TP37 Equipment Manual Release 01/00 6.5.4 Message Overload It can happen that a large number of ALARM_S messages are issued within a short space of time. This can result in the build–up of processing backlogs. If the time gap between the first occurrence of a message and a subsequent occurrence is very short, it may be that the first message has not yet even been sent. In that case, the CPU reports the current status, i.e. the most recent occur- rence of the message. Every station, i.e. including the operating unit, is in- formed at the same time, however, that at least one signal change that could not be sent has occurred. The message number appears on the operating unit in inverted type (light let- ters on dark background) if multiple arrivals and departures of the message have not been able to be recorded. *1234567 A KGQ HH:MM:SS DD.MM.YYYY GRU00 Boiler 13: temperature 190 degrees Inform shift supervisor Tel. 007 Figure 6-7 Multiple Arrivals and Departures Could Not Be Recorded If there are more messages pending than the CPU can process, any new mes- sages are discarded. Only when a message has been fully processed can a new message be processed. The date and time of a message appear on the operating unit in inverted type (light letters on dark background) if it is the last message that could be ac- cepted by the CPU message buffer. *1234567 A KGQ HH:MM:SS DD.MM.YYYYGRU00 Boiler 13: temperature 190 degrees Inform shift supervisor Tel. 007 Figure 6-8 Last Message Accepted by the CPU An operating unit can process a maximum of approx. 200 simultaneously pending messages (total number of event and alarm messages). If the operating unit then receives more messages from the CPUs on the network, they can no longer be displayed. A system message to that effect is then displayed on the operating unit. The maximum number of messages that could theoretically be simultaneously pending on an operating unit is calculated from the sum of the maximum num- bers possible on the connected CPUs. Communication Overload CPU Memory Overload Operating Unit Overload Messages |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |