Electronic Components Datasheet Search
  English  ▼

X  

TP37 Datasheet(PDF) 69 Page - Siemens Semiconductor Group

Part # TP37
Description  SIMATIC HMI
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP37 Datasheet(HTML) 69 Page - Siemens Semiconductor Group

Back Button TP37 Datasheet HTML 65Page - Siemens Semiconductor Group TP37 Datasheet HTML 66Page - Siemens Semiconductor Group TP37 Datasheet HTML 67Page - Siemens Semiconductor Group TP37 Datasheet HTML 68Page - Siemens Semiconductor Group TP37 Datasheet HTML 69Page - Siemens Semiconductor Group TP37 Datasheet HTML 70Page - Siemens Semiconductor Group TP37 Datasheet HTML 71Page - Siemens Semiconductor Group TP37 Datasheet HTML 72Page - Siemens Semiconductor Group TP37 Datasheet HTML 73Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 230 page
background image
6-19
TP27, TP37 Equipment Manual
Release 01/00
6.5.1
Communication Sequence
More than one station (e.g. more than one OP, PU, etc.) on a network can log
on for ALARM_S messages. Each station that wants to display ALARM_S
messages logs on to the CPU for ALARM_S.
OP
S7
CPU
PU
TP
CPU
S7
Figure 6-6 MPI Network
When a message–triggering event occurs, the CPU actively sends telegrams to
that effect to all stations that have logged on. The message number identifies
the corresponding message text that has previously been downloaded to the
operating unit.
This means that the CPU does not have to be actively scanned for messages by
regular polling as was the case with the message bit procedure. The operating
unit, CPU and network are completely relieved of that burden on the system.
With the ALARM_S procedure, the time stamp is not issued by the operating
unit but by the CPU. The messages are stored in chronological order on the
basis of their time stamp in the message buffer on the operating unit – even if
they originate from different CPUs.
The CPU stores not only the time of the message but also the status (arrived,
departed, acknowledged) and any process parameters. That information is re-
tained until a message has been completely processed, i.e. until it has arrived,
departed and been acknowledged. On the operating unit, the information in the
message buffer is kept even longer.
Logging On For
ALARM_S
When A Message
Event Occurs
Time Stamp
Information Stored
Messages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com