Electronic Components Datasheet Search
  English  ▼

X  

IRFS4410Z Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRFS4410Z
Description  100 V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

IRFS4410Z Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  IRFS4410Z Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.143mH
RG = 25
Ω, IAS = 58A, VGS =10V. Part not recommended for use
above this value.
ƒ ISD ≤ 58A, di/dt ≤ 610A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400μs; duty cycle ≤ 2%.
S
D
G
… Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡ Rθ is measured at TJ approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
0.12
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
7.2
9.0
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
IDSS
Drain-to-Source Leakage Current
20
μA
250
IGSS
Gate-to-Source Forward Leakage
100
nA
Gate-to-Source Reverse Leakage
-100
RG
Internal Gate Resistance
0.70
Ω
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
140
S
Qg
Total Gate Charge
83
120
nC
Qgs
Gate-to-Source Charge
19
Qgd
Gate-to-Drain ("Miller") Charge
27
Qsync
Total Gate Charge Sync. (Qg - Qgd)
56
td(on)
Turn-On Delay Time
16
ns
tr
Rise Time
52
td(off)
Turn-Off Delay Time
43
tf
Fall Time
57
Ciss
Input Capacitance
4820
pF
Coss
Output Capacitance
340
Crss
Reverse Transfer Capacitance
170
Coss eff. (ER) Effective Output Capacitance (Energy Related) hÃ
420
Coss eff. (TR) Effective Output Capacitance (Time Related)g
690
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
97
A
(Body Diode)
ISM
Pulsed Source Current
390
A
(Body Diode)
Ù
VSD
Diode Forward Voltage
1.3
V
trr
Reverse Recovery Time
38
57
ns TJ = 25°C
VR = 85V,
46
69
TJ = 125°C
IF = 58A
Qrr
Reverse Recovery Charge
53
80
nC TJ = 25°C
di/dt = 100A/μs
f
82
120
TJ = 125°C
IRRM
Reverse Recovery Current
2.5
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
ID = 58A
RG =2.7Ω
VGS = 10V f
VDD = 65V
ID = 58A, VDS =0V, VGS = 10V f
TJ = 25°C, IS = 58A, VGS = 0V f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 5mA™
VGS = 10V, ID = 58A f
VDS = VGS, ID = 150μA
VDS = 100V, VGS = 0V
VDS = 80V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS =50V
Conditions
VGS = 10V f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz, See Fig.5
VGS = 0V, VDS = 0V to 80V h, See Fig.11
VGS = 0V, VDS = 0V to 80V gÃ
Conditions
VDS = 10V, ID = 58A
ID = 58A
VGS = 20V
VGS = -20V
UMW
R
IRFS4410Z
100 V N-Channel MOSFET
www.umw-ic.com
2
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com