Electronic Components Datasheet Search
  English  ▼

X  

IRFS4410Z Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRFS4410Z
Description  100 V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

IRFS4410Z Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  IRFS4410Z Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
S
D
G
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
l RoHS Compliant, Halogen-Free
Applications
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
IDM
Pulsed Drain Current c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery e
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
EAS (Thermally limited)
Single Pulse Avalanche Energy d
mJ
IAR
Avalanche Current
A
EAR
Repetitive Avalanche Energy f
mJ
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case j
0.65
RθCS
Case-to-Sink, Flat Greased Surface , TO-220
0.50
°C/W
RθJA
Junction-to-Ambient, TO-220 j
62
RθJA
Junction-to-Ambient (PCB Mount) , D2Pak ij
40
300
Max.
97
69
390
242
See Fig. 14, 15, 22a, 22b,
230
16
-55 to + 175
± 20
1.5
10lbx in (1.1Nx m)
UMW
R
IRFS4410Z
100 V N-Channel MOSFET
l VDS
l ID (at VGS=10V)=97A
l RDS(ON)(at VGS=10V) < 9mΩ
100V
=
www.umw-ic.com
1
UTD Semiconductor Co.,Limited
TO-263
G
D
S


Similar Part No. - IRFS4410Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFS4410Z ISC-IRFS4410Z Datasheet
189Kb / 2P
Isc N-Channel MOSFET Transistor
logo
TECH PUBLIC Electronics...
IRFS4410Z-TP TECHPUBLIC-IRFS4410Z-TP Datasheet
2Mb / 4P
N-Channel Power MOSFET
logo
International Rectifier
IRFS4410ZPBF IRF-IRFS4410ZPBF Datasheet
839Kb / 11P
HEXFET Power MOSFET
More results

Similar Description - IRFS4410Z

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4494M ACE-ACE4494M Datasheet
477Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE2372M ACE-ACE2372M Datasheet
538Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE4010M ACE-ACE4010M Datasheet
541Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE4490M ACE-ACE4490M Datasheet
486Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE18010M04N ACE-ACE18010M04N Datasheet
703Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE6010M70N ACE-ACE6010M70N Datasheet
691Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
045N10A UMW-045N10A Datasheet
1Mb / 7P
100 V N-Channel MOSFET
065N10N UMW-065N10N Datasheet
884Kb / 9P
100 V N-Channel MOSFET
45N10N3G UMW-45N10N3G Datasheet
1Mb / 9P
100 V N-Channel MOSFET
IRFB4110 UMW-IRFB4110 Datasheet
843Kb / 9P
100 V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com