Electronic Components Datasheet Search
  English  ▼

X  

IRFS4410Z Datasheet(PDF) 7 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRFS4410Z
Description  100 V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

IRFS4410Z Datasheet(HTML) 7 Page - Guangdong Youtai Semiconductor Co., Ltd.

  IRFS4410Z Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Fig 22a. Switching Time Test Circuit
Fig 22b. Switching Time Waveforms
Fig 21a. Unclamped Inductive Test Circuit
Fig 21b. Unclamped Inductive Waveforms
Fig 23a. Gate Charge Test Circuit
Fig 23b. Gate Charge Waveform
1K
VCC
DUT
0
L
S
20K
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
tp
V(BR)DSS
IAS
VGS
VDD
VDS
LD
D.U.T
+
-
Second Pulse Width < 1μs
Duty Factor < 0.1%
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
UMW
R
IRFS4410Z
100 V N-Channel MOSFET
www.umw-ic.com
7
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com