Electronic Components Datasheet Search
  English  ▼

X  

IRFS4410Z Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRFS4410Z
Description  100 V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

IRFS4410Z Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  IRFS4410Z Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. IRFS4410Z Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 12. Maximum Avalanche Energy vs. DrainCurrent
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
90
95
100
105
110
115
120
125
Id = 5mA
-10 0 10 20 30 40 50 60 70 80 90 100
VDS, Drain-to-Source Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
0
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100μsec
1msec
10msec
DC
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
700
800
900
1000
ID
TOP
6.4A
9.4A
BOTTOM 58A
25
50
75
100
125
150
TC , Case Temperature (°C)
0
20
40
60
80
100
UMW
R
IRFS4410Z
100 V N-Channel MOSFET
www.umw-ic.com
4
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com