Electronic Components Datasheet Search
  English  ▼

X  

AD9236 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9236
Description  12-Bit, 80 MSPS, 3 V A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9236 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9236 Datasheet HTML 3Page - Analog Devices AD9236 Datasheet HTML 4Page - Analog Devices AD9236 Datasheet HTML 5Page - Analog Devices AD9236 Datasheet HTML 6Page - Analog Devices AD9236 Datasheet HTML 7Page - Analog Devices AD9236 Datasheet HTML 8Page - Analog Devices AD9236 Datasheet HTML 9Page - Analog Devices AD9236 Datasheet HTML 10Page - Analog Devices AD9236 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD9236
Rev. B | Page 7 of 36
ABSOLUTE MAXIMUM RATINGS
Table 6.
THERMAL RESISTANCE
With
Respect to
Parameter
Min
Max
Unit
θJA
ELECTRICAL
is specified for the worst-case conditions on a 4-layer board
in still air, in accordance with EIA/JESD51-1.
AVDD
AGND
–0.3
+3.9
Table 7.
V
DRVDD
DGND
–0.3
+3.9
V
θ
θ
Package Type
Unit
JA
JC
AGND
DGND
–0.3
+0.3
V
RU-28
67.7
°C/W
AVDD
DRVDD
–3.9
+3.9
V
CP-32-2
32.5
32.71
°C/W
D0 to D11
DGND
–0.3
DRVDD + 0.3
V
CLK, MODE
AGND
–0.3
AVDD + 0.3
V
VIN+, VIN–
AGND
–0.3
AVDD + 0.3
Airflow increases heat dissipation effectively, reducing θ
V
JA
. In
addition, more metal directly in contact with the package leads
from metal traces, through holes, ground, and power planes
reduces the θ
VREF
AGND
–0.3
AVDD + 0.3
V
SENSE
AGND
–0.3
AVDD + 0.3
V
REFT, REFB
AGND
–0.3
AVDD + 0.3
V
JA
. It is recommended that the exposed paddle be
soldered to the ground plane for the LFCSP package. There is
an increased reliability of the solder joints, and maximum
thermal capability of the package is achieved with the exposed
paddle soldered to the customer board.
PDWN
AGND
–0.3
AVDD + 0.3
V
ENVIRONMENTAL
Storage Temperature
–65
+125
°C
Operating Temperature Range
–40
+85
°C
300
°C
Lead Temperature
(Soldering 10 sec)
Junction Temperature
150
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com