Electronic Components Datasheet Search
  English  ▼

X  

AD9236 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9236
Description  12-Bit, 80 MSPS, 3 V A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9236 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9236 Datasheet HTML 13Page - Analog Devices AD9236 Datasheet HTML 14Page - Analog Devices AD9236 Datasheet HTML 15Page - Analog Devices AD9236 Datasheet HTML 16Page - Analog Devices AD9236 Datasheet HTML 17Page - Analog Devices AD9236 Datasheet HTML 18Page - Analog Devices AD9236 Datasheet HTML 19Page - Analog Devices AD9236 Datasheet HTML 20Page - Analog Devices AD9236 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AD9236
Rev. B | Page 17 of 36
TIMING
In all reference configurations, REFT and REFB drive the A/D
conversion core and establish its input span. The input range of
the ADC always equals twice the voltage at the reference pin for
either an internal or an external reference.
The AD9236 provides latched data outputs with a pipeline delay
of seven clock cycles. Data outputs are available one propagation
delay (tPD) after the rising edge of the clock signal. Refer to
Figure 2 for a detailed timing diagram.
03066-A-017
10
μF
+
0.1
μF
VREF
SENSE
0.5V
AD9236
VIN–
VIN+
REFT
0.1
μF
0.1
μF
10
μF
0.1
μF
REFB
SELECT
LOGIC
ADC
CORE
+
The length of the output data lines and the loads placed on
them should be minimized to reduce transients within the
AD9236. These transients can degrade the converter’s dynamic
performance.
The lowest typical conversion rate of the AD9236 is 1 MSPS. At
clock rates below 1 MSPS, dynamic performance can degrade.
VOLTAGE REFERENCE
A stable and accurate 0.5 V voltage reference is built into the
AD9236. The input range can be adjusted by varying the
reference voltage applied to the AD9236 using either the
internal reference or an externally applied reference voltage.
The input span of the ADC tracks reference voltage changes
linearly. The various reference modes are summarized in Table 10
and described in the following sections.
Figure 33. Internal Reference Configuration
If the ADC is being driven differentially through a transformer,
the reference voltage can be used to bias the center tap
(common-mode voltage).
03066-0-018
10
μF
+
0.1
μF
VREF
SENSE
R2
R1
0.5V
AD9236
VIN–
VIN+
REFT
0.1
μF
0.1
μF
10
μF
0.1
μF
REFB
SELECT
LOGIC
ADC
CORE
+
Internal Reference Connection
A comparator within the AD9236 detects the potential at the
SENSE pin and configures the reference into four possible
states, which are summarized in Table 10. If SENSE is
grounded, the reference amplifier switch is connected to the
internal resistor divider (see Figure 33), setting VREF to 1 V.
Connecting the SENSE pin to VREF switches the reference
amplifier output to the SENSE pin, completing the loop and
providing a 0.5 V reference output. If a resistor divider is
connected as shown in Figure 34, the switch is again set to the
SENSE pin. This puts the reference amplifier in a noninverting
mode with the VREF output defined as follows:
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
R1
R2
VREF
1
5
.
0
Figure 34. Programmable Reference Configuration
Table 10. Reference Configuration Summary
Selected Mode
SENSE Voltage
Resulting VREF (V)
Resulting Differential Span (V p-p)
External Reference
AVDD
N/A
2 × External Reference
Internal Fixed Reference
VREF
0.5
1.0
Programmable Reference
0.2 V to VREF
⎟
⎠
⎞
⎜
⎝
⎛ +
×
R1
R2
1
5
.
0
(See Figure 34)
2 × VREF
Internal Fixed Reference
AGND to 0.2 V
1.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com