Electronic Components Datasheet Search
  English  ▼

X  

AD9236 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9236
Description  12-Bit, 80 MSPS, 3 V A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9236 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9236 Datasheet HTML 14Page - Analog Devices AD9236 Datasheet HTML 15Page - Analog Devices AD9236 Datasheet HTML 16Page - Analog Devices AD9236 Datasheet HTML 17Page - Analog Devices AD9236 Datasheet HTML 18Page - Analog Devices AD9236 Datasheet HTML 19Page - Analog Devices AD9236 Datasheet HTML 20Page - Analog Devices AD9236 Datasheet HTML 21Page - Analog Devices AD9236 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD9236
Rev. B | Page 18 of 36
OPERATIONAL MODE SELECTION
If the internal reference of the AD9236 is used to drive multiple
converters to improve gain matching, the loading of the reference
by the other converters must be considered.
As discussed in the Digital Outputs section, the AD9236 can
output data in either offset binary or twos complement format.
There is also a provision for enabling or disabling the clock duty
cycle stabilizer (DCS). The MODE pin is a multilevel input that
controls the data format and DCS state. The input threshold
values and corresponding mode selections are outlined in
Figure 35 depicts
how the internal reference voltage is affected by loading. A
2 mA load is the maximum recommended load.
LOAD (mA)
0.05
0
0.5
1.0
1.5
2.0
2.5
3.0
03066-0-019
0
–0.25
–0.20
–0.15
–0.10
–0.05
0.5V ERROR (%)
1.0V ERROR (%)
Table 11.
Table 11. Mode Selection
MODE Voltage
Data Format
Duty Cycle
Stabilizer
AVDD
Twos Complement
Disabled
Figure 35. VREF Accuracy vs. Load
External Reference Operation
The use of an external reference can be necessary to enhance
the gain accuracy of the ADC or to improve thermal drift
characteristics. When multiple ADCs track one another, a
single reference (internal or external) can be necessary to
reduce gain matching errors to an acceptable level. Figure 36
shows the typical drift characteristics of the internal reference
in both 1.0 V and 0.5 V modes.
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
7 kΩ load. The internal buffer still generates the positive and
negative full-scale references, REFT and REFB, for the ADC
core. The input span is always twice the value of the reference
voltage; therefore, the external reference must be limited to a
maximum of 1.0 V.
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–40 –30 –20 –100
10
20304050
607080
TEMPERATURE (
°C)
03066-0-011
VREF = 0.5V
VREF = 1.0V
Figure 36. Typical VREF Drift
2/3 AVDD
Twos Complement
Enabled
1/3 AVDD
Offset Binary
Enabled
AGND (Default)
Offset Binary
Disabled
EVALUATION BOARD
The AD9236 evaluation board provides all of the support
circuitry required to operate the ADC in its various modes and
configurations. Complete schematics and layout plots follow
and demonstrate the proper routing and grounding techniques
that should be applied at the system level.
It is critical that signal sources with very low phase noise (< 1 ps
rms jitter) be used to realize the ultimate performance of the
converter. Proper filtering of the input signal, to remove
harmonics and lower the integrated noise at the input, is also
necessary to achieve the specified noise performance.
TSSOP Evaluation Board
Figure 37 shows the typical bench setup used to evaluate the ac
performance of the AD9236. The AD9236 can be driven single-
ended or differentially through an AD8138 driver or a
transformer. Separate power pins are provided to isolate the
DUT from the support circuitry. Each input configuration can
be selected by proper connection of various jumpers (refer to
the schematics).
The AUXCLK input should be selected in applications requiring
the lowest jitter and SNR performance (that is, IF undersampling
characterization). It allows the user to apply a clock input signal
that is 4× the target sample rate of the AD9236. A low jitter,
differential divide-by-4 counter, the MC100LVEL33D, provides
a 1× clock output that is subsequently returned back to the CLK
input via JP9. For example, a 260 MHz signal (sinusoid) is
divided down to a 65 MHz signal for clocking the ADC. Note
that R1 must be removed with the AUXCLK interface. Lower
jitter is often achieved with this interface since many RF signal
generators display improved phase noise at higher output
frequencies and the slew rate of the sinusoidal output signal is
4× that of a 1× signal of equal amplitude.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com