Electronic Components Datasheet Search
  English  ▼

X  

AD9236 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9236
Description  12-Bit, 80 MSPS, 3 V A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9236 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9236 Datasheet HTML 7Page - Analog Devices AD9236 Datasheet HTML 8Page - Analog Devices AD9236 Datasheet HTML 9Page - Analog Devices AD9236 Datasheet HTML 10Page - Analog Devices AD9236 Datasheet HTML 11Page - Analog Devices AD9236 Datasheet HTML 12Page - Analog Devices AD9236 Datasheet HTML 13Page - Analog Devices AD9236 Datasheet HTML 14Page - Analog Devices AD9236 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD9236
Rev. B | Page 11 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 3.0 V, DRVDD = 2.5 V, sample rate = 80 MSPS, DCS disabled, TA = 25°C, 2 V p-p differential input, AIN = –0.5 dBFS,
VREF = 1.0 V external, unless otherwise noted.
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
03066-0-031
AIN = –0.5dBFS
SNR = 71.0dBc
ENOB = 11.5 BITS
SFDR = 93.6dBc
100
40
50
60
70
80
90
–30
–25
–20
–15
–10
–5
0
INPUT AMPLITUDE (dBFS)
03066-0-048
SFDR (dBFS)
SFDR (dBc)
SFDR = 90dB
REFERENCE LINE
SNR (dBFS)
SNR (dBc)
Figure 9. Single Tone 8K FFT @ 2.5 MHz
Figure 12. Single Tone SNR/SFDR vs. Input Amplitude (AIN) @ 2.5 MHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
03066-0-032
AIN = –0.5dBFS
SNR = 70.6dBc
ENOB = 11.4 BITS
SFDR = 87.8dBc
100
40
50
60
70
80
90
–30
–25
–20
–15
–10
–5
0
INPUT AMPLITUDE (dBFS)
03066-0-049
SFDR (dBFS)
SFDR (dBc)
SFDR = 90dB
REFERENCE LINE
SNR (dBFS)
SNR (dBc)
Figure 10. Single Tone 8K FFT @ 39 MHz
Figure 13. Single Tone SNR/SFDR vs. Input Amplitude (AIN) @ 39 MHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
03066-0-033
AIN = –0.5dBFS
SNR = 70.1dBc
ENOB = 11.3 BITS
SFDR = 81.9dBc
100
90
80
70
60
50
040
20
60
SNR (DIFF)
80
100
SAMPLE RATE (MSPS)
03066-0-042
SFDR (DIFF)
SFDR (SE)
SNR (SE)
Figure 11. Single Tone 8K FFT @ 70 MHz
Figure 14. SNR/SFDR vs. Sample Rate @ 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com