Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160GT2DPBF Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM29BDD160GT2DPBF
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT2DPBF Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM29BDD160GT2DPBF Datasheet HTML 11Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 12Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 13Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 14Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 15Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 16Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 17Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 18Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 79 page
background image
June 7, 2006
Am29BDD160G
13
VersatileI/O™ (V
IO) Control
The VersatileI/O (V
IO) control allows the host system
to set the voltage levels that the device generates at
its data outputs and the voltages tolerated at its data
inputs to the same voltage level that is asserted on the
V
IO pin.
The output voltage generated on the device is deter-
mined based on the V
IO (VCCQ) level.
A V
IO of 1.65–1.95 volts is targeted to provide for I/O
tolerance at the 1.8 volt level.
A V
CC and VIO of 2.5–2.75 volts makes the device ap-
pear as 2.5 volt-only.
Address/Control signals are 3.6 V tolerant with the ex-
ception of CLK.
Word/Double Word Configuration
The WORD# pin controls whether the device data I/O
pins operate in the word or double word configuration.
If the WORD# pin is set at V
IH, the device is in double
word configuration, DQ31–DQ0 are active and con-
trolled by CE# and OE#.
If the WORD# pin is set at V
IL, the device is in word
configuration, and only data I/O pins DQ15–DQ0 are
active and controlled by CE# and OE#. The data I/O
pins DQ31–DQ16 are tri-stated.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to V
IL. CE# is the power
control and selects the device. OE# is the output con-
trol and gates array data to the output pins. WE#
should remain at V
IH.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No com-
mand is necessary in this mode to obtain array data.
Standard microprocessor read cycles that assert valid
addresses on the device address inputs produce valid
data on the device data outputs. The device remains
enabled for read access until the command register
contents are altered.
Address access time (t
ACC) is the delay from stable ad-
dresses to valid output data. The chip enable access
time (t
CE) is the delay from stable addresses and sta-
ble CE# to valid data at the output pins. The output en-
able access time (t
OE) is the delay from the falling
edge of OE# to valid data at the output pins (assuming
the addresses have been stable for at least t
ACC–tOE
time and CE# has been asserted for at least t
CE–tOE
time).
See “Reading Array Data” for more information. Refer
to the AC Read Operations table for timing specifica-
tions and to Figure 15 for the timing diagram. I
CC1 in
the DC Characteristics table represents the active cur-
rent specification for reading array data.
Simultaneous Read/Write
Operations Overview and Restrictions
Overview
Simultaneous Operation is an advances functionality
providing enhanced speed and flexibility with minimum
overhead. Simultaneous Operation does this by allow-
ing an operation to be executed (embedded operation)
in a bank (busy bank), then going to the other bank
(non-busy bank) and performing desired operations.
The BDD160’s Simultaneous Operation has been opti-
mized for applications that could most benefit from this
capability. These applications store code in the big
bank, while storing data in the small bank. The best
example of this is when a Sector Erase Operation (as
an embedded operation) in the small (busy) bank,
while performing a Burst/synchronous Read Operation
in the big (non-busy) bank.
Restrictions
The BDD160’s Simultaneous Operation is tested by
executing an embedded operation in the small (busy)
bank while performing other operations in the big
(non-busy) bank. However, the opposite case is nei-
ther tested nor valid. That is, it is not tested by execut-
ing an embedded operation in the big (busy) bank
while performing other operations in the small
(non-busy) bank. See Table 2 Bank assignment for
Boot Bank Sector Devices.
Table 2.
Bank Assignment for Boot Bank
Sector Devices
Also see Table 18, “Allowed Operations During
Erase/Program Suspend,” on page 38. Also see
Table 12, “Sector Addresses for Top Boot Sector De-
vices,” on page 29 and see Table 13, “Sector Ad-
dresses for Bottom Boot Sector Devices,” on page 30.
Simultaneous Read/Write Operations With
Zero Latency
The device is capable of reading data from one bank
of memory while programming or erasing in the other
bank of memory. An erase operation may also be sus-
pended to read from or program to another location
within the same bank (except the sector being
erased). Refer to the DC Characteristics table for
Top Boot Sector Devices
Bottom Boot Sector
Devices
Bank
1
Small Bank
Big Bank
Bank
2
Big Bank
Small Bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com