Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160GT2DPBF Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM29BDD160GT2DPBF
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT2DPBF Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM29BDD160GT2DPBF Datasheet HTML 21Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 22Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 23Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 24Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 25Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 26Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 27Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 28Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
June 7, 2006
Am29BDD160G
23
CR13–CR10 = Initial Burst Access Delay Configuration (IAD3-IAD0)
Speed Options 54D, 64C, 65A:
0000 = 2 CLK cycle initial burst access delay
0001 = 3 CLK cycle initial burst access delay
0010 = 4 CLK cycle initial burst access delay
0011 = 5 CLK cycle initial burst access delay
0100 = 6 CLK cycle initial burst access delay
0101 = 7 CLK cycle initial burst access delay
0110 = 8 CLK cycle initial burst access delay
0111 = 9 CLK cycle initial burst access delay—Default
CR9 = Data Output Configuration (DOC)
0 = Hold Data for 1-CLK cycle—Default
1 = Reserved
CR8 = IND/WAIT# Configuration (WC)
0 = IND/WAIT# Asserted During Delay—Default
1 = IND/WAIT# Asserted One Data Cycle Before Delay
CR7 = Burst Sequence (BS)
0 = Reserved
1 = Linear Burst Order—Default
CR6 = Clock Configuration (CC)
0 = Reserved
1 = Burst Starts and Data Output on Rising Clock Edge—Default
CR5–CR3 = Reserved For Future Enhancements (R)
These bits are reserved for future use. Set these bits to “0.”
CR2–CR0 = Burst Length (BL2–BL0)
000 = Reserved, burst accesses disabled (asynchronous reads only)
001 = 64 bit (8-byte) Burst Data Transfer - x16 and x32 Linear
010 = 128 bit (16-byte) Burst Data Transfer - x16 and x32 Linear
011 = 256 bit (32-byte) Burst Data Transfer - x16 Linear Only and x32 Linear
100 = 512 bit (64-byte) Burst Data Transfer - x16 Linear Only - Default
101 = Reserved, burst accesses disabled (asynchronous reads only)
110 = Reserved, burst accesses disabled (asynchronous reads only)
111 = Reserved
Table 9.
Configuration Register Definitions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com